Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC5200CBV400 Datasheet(PDF) 10 Page - Motorola, Inc

Part # MPC5200CBV400
Description  Hardware Specifications
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC5200CBV400 Datasheet(HTML) 10 Page - Motorola, Inc

Back Button MPC5200CBV400 Datasheet HTML 6Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 7Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 8Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 9Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 10Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 11Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 12Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 13Page - Motorola, Inc MPC5200CBV400 Datasheet HTML 14Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
10
MPC5200 Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
3.1.6 Thermal Characteristics
3.1.6.1
Heat Dissipation
An estimation of the chip-junction temperature, TJ, can be obtained from the following equation:
TJ =TA+(RθJA × PD)
Eqn. 1
where:
TA = ambient temperature for the package (ºC)
RθJA = junction to ambient thermal resistance (ºC/W)
PD = power dissipation in package (W)
The junction to ambient thermal resistance is an industry standard value, which provides a quick and easy
estimation of thermal performance. Unfortunately, there are two values in common usage: the value
determined on a single layer board, and the value obtained on a board with two planes. For packages such
as the PBGA, these values can be different by a factor of two. Which value is correct depends on the power
dissipated by other components on the board. The value obtained on a single layer board is appropriate for
the tightly packed printed circuit board. The value obtained on the board with the internal planes is usually
appropriate if the board has low power dissipation and the components are well separated.
Historically, the thermal resistance has frequently been expressed as the sum of a junction to case thermal
resistance and a case to ambient thermal resistance:
Table 7 Thermal Resistance Data
Rating
Value
Unit
Notes
SpecID
Junction to Ambient
Natural Convection
Single layer board
(1s)
RθJA
30
°C/W
1, 2
1
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board, and board
thermal resistance.
2
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
D6.1
Junction to Ambient
Natural Convection
Four layer board (2s2p)
RθJMA
22
°C/W
1, 3
3
Per JEDEC JESD51-6 with the board horizontal.
D6.2
Junction to Ambient
(@200 ft/min)
Single layer board
(1s)
RθJMA
24
°C/W
1,3
D6.3
Junction to Ambient
(@200 ft/min)
Four layer board
(2s2p)
RθJMA
19
°C/W
1,3
D6.4
Junction to Board
RθJB
14
°C/W
4
4
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is mea-
sured on the top surface of the board near the package.
D6.5
Junction to Case
RθJC
8°C/W
5
5
Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
D6.6
Junction to Package TopNatural Convection
Ψ
JT
2°C/W
6
6
Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
D6.7
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC5200CBV400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5200CBV400 FREESCALE-MPC5200CBV400 Datasheet
6Mb / 80P
   Hardware Specifications
More results

Similar Description - MPC5200CBV400

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC859T FREESCALE-MPC859T Datasheet
1Mb / 92P
   Hardware Specifications
MPC885 FREESCALE-MPC885 Datasheet
1Mb / 92P
   Hardware Specifications
MPC5200 FREESCALE-MPC5200 Datasheet
6Mb / 80P
   Hardware Specifications
KMPC8250ACZUMHBC FREESCALE-KMPC8250ACZUMHBC Datasheet
951Kb / 62P
   Hardware Specifications
MPC8250 FREESCALE-MPC8250_05 Datasheet
1Mb / 60P
   Hardware Specifications
MPC852T FREESCALE-MPC852T Datasheet
3Mb / 80P
   Hardware Specifications
MPC860 FREESCALE-MPC860 Datasheet
1Mb / 80P
   Hardware Specifications
MPC875 FREESCALE-MPC875 Datasheet
1Mb / 84P
   Hardware Specifications
MPC866 FREESCALE-MPC866 Datasheet
1Mb / 96P
   Hardware Specifications
logo
Motorola, Inc
MPC857T MOTOROLA-MPC857T Datasheet
1Mb / 88P
   Hardware Specifications
logo
Freescale Semiconductor...
MPC880 FREESCALE-MPC880 Datasheet
1Mb / 92P
   Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com