Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31BL3506A-DLS2 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS31BL3506A-DLS2
Description  1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3506A-DLS2 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS31BL3506A-DLS2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3506A-DLS2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
IS31BL3506A
Integrated Silicon Solution, Inc. – www.issi.com
Rev. C, 01/09/2014
2
 
OUT
FB
LX
VCC
GND
IS31BL3506A
100k
L1
10 H
0.1 F
VBattery
2.7~5.5V
EN
2.2 F
D1
Micro
Controller
PWM Signal
RSET
7.5
COUT
1 F
(50V)
(4~8)×2
LEDs
 
Figure 2
Constant current white LED driver using PWM at the EN pin to control intensity (4~8)×2 LEDs 
OUT
FB
LX
VCC
GND
IS31BL3506A
L1
10 H
0.1 F
EN
2.2 F
D1
R1
Load
RSET
VOUT =VFB× (R1 +RSET)/RSET
VBattery
2.7~5.5V
100k
Micro
Controller
COUT
1 F
(50V)
Figure 3
Constant output voltage for general purpose use
Figure 4
Constant output current with DC dimming input


Similar Part No. - IS31BL3506A-DLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
More results

Similar Description - IS31BL3506A-DLS2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3506B-STLS2-TR ISSI-IS31BL3506B-STLS2-TR Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A-TTLS2-TR ISSI-IS31BL3506A-TTLS2-TR Datasheet
517Kb / 14P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506B ISSI-IS31BL3506B Datasheet
440Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
IS31BL3506A ISSI-IS31BL3506A Datasheet
389Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL MOSFET SWITCH
logo
Renesas Technology Corp
ZLED7015 RENESAS-ZLED7015 Datasheet
696Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
April 20, 2016
logo
List of Unclassifed Man...
ZLED7015 ETC2-ZLED7015 Datasheet
724Kb / 23P
   1.0MHz Boost Converter with Internal 35V Switch
logo
Integrated Silicon Solu...
IS31LT3505 ISSI-IS31LT3505 Datasheet
475Kb / 12P
   1.0MHZ BOOST CONVERTER WITH 35V INTERNAL NMOS
IS31BL3508A ISSI-IS31BL3508A Datasheet
494Kb / 13P
   1.0MHZ BOOST CONVERTER WITH 38V INTERNAL MOSFET SWITCH
logo
Integrated Device Techn...
ZLED7015 IDT-ZLED7015 Datasheet
522Kb / 22P
   1.0MHz Boost Converter
logo
Analog Microelectronics
AME5143 AME-AME5143 Datasheet
186Kb / 15P
   1.4MHz Boost Converter With 30V Internal FET Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com