Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31BL3212-STLS2-TR Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31BL3212-STLS2-TR
Description  FOUR CHANNEL CONSTANT CURRENT LED DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3212-STLS2-TR Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31BL3212-STLS2-TR Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31BL3212-STLS2-TR Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IS31BL3212
Integrated Silicon Solution, Inc. – www.issi.com
7
Rev. C, 06/24/2014
LED SELECTION
The IS31BL3212 has low headroom voltage and it is
designed to drive white-LEDs.
The drive current will automatically scale down to
reduce the LED current consumption.
INPUT CAPACITOR SELECTION
The IS31BL3212 is designed to run off of a fixed input
voltage. Depending on the stability and condition of
this voltage rail, it may be necessary to add a small
input capacitor to help filter out any noise that may be
present on the line. In the event that filtering is needed,
ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use with
the IS31BL3212. Ceramic capacitors offer many
advantages over their tantalum and aluminum
electrolytic counterparts. A ceramic capacitor typically
has very low ESR, is lowest cost, has a smaller PCB
footprint, and is non-polarized. Low ESR ceramic
capacitors help to maximize charge pump transient
response. Since ceramic capacitors are non-polarized,
they are not prone to incorrect connection damage.
THERMAL PROTECTION
The IS31BL3212 has a thermal protection circuit that
will shut down the chip if the die temperature rises
above the thermal limit.
Although the IS31BL3212 is designed for driving white
LEDs, the device also can be used to drive most types
of LEDs with forward voltage specifications ranging
from 2.0V to 4.7V. LED applications may include main
and sub-LCD display backlighting, camera photo-flash
applications, color (RGB) LEDs, infrared (IR) diodes
for remotes, and other loads benefiting from a
controlled output current generated from a varying
input voltage. Since the D1 to D4 output current
sources are matched with negligible voltage
dependence, the LED brightness will be matched
regardless of the specific LED forward voltage (VF)
levels. In some instances (e.g., in high luminous output
applications such as photo flash), it may be necessary
to drive high-VF type LEDs. The low dropout current
sources in the IS31BL3212 make it capable of driving
LEDs with forward voltages as high as 4.7V at full
current from an input supply of 2.7V to 5.0V. Outputs
can be paralleled to drive high-current LEDs without
complication


Similar Part No. - IS31BL3212-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
More results

Similar Description - IS31BL3212-STLS2-TR

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3212 ISSI-IS31BL3212 Datasheet
262Kb / 9P
   FOUR CHANNEL CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
EC4101 ETC2-EC4101 Datasheet
428Kb / 6P
   Four Channel Constant Current LED Driver
logo
Sipex Corporation
SP7615 SIPEX-SP7615 Datasheet
244Kb / 10P
   Four Channel Constant Current LED Driver
SP7615 SIPEX-SP7615_06 Datasheet
286Kb / 11P
   Four Channel Constant Current LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
List of Unclassifed Man...
TRC-152Q070ST ETC2-TRC-152Q070ST Datasheet
930Kb / 4P
   Four Channel Constant Current LED Drivers
logo
Inventronics Inc.
EUC-160QXXXDV INVENTRONICS-EUC-160QXXXDV Datasheet
548Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. O
EUC-160QXXXDT INVENTRONICS-EUC-160QXXXDT Datasheet
531Kb / 9P
   160W Four-channel Constant Current IP67 Driver
Rev. N
EUC-144QXXXDT INVENTRONICS-EUC-144QXXXDT Datasheet
964Kb / 9P
   144W Four-channel Constant Current IP67 Driver
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com