Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2121-LQLS1 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS31AP2121-LQLS1
Description  2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2121-LQLS1 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2121-LQLS1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
IS31AP2121
Integrated Silicon Solution, Inc. – www.issi.com
9
Rev. C, 10/20/2015
DC ELECTRICAL CHARACTERISTICS (CONTINUE)
TA=25°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Logic Electrical Characteristics
VIH
High level input voltage
VDD =3.3V
2.0
V
VIL
Low level input voltage
VDD =3.3V
0.8
V
VOH
High level output voltage
VDD =3.3V
2.4
V
VOL
Low level output voltage
VDD =3.3V
0.4
V
CIN
Input capacitance
6.4
pF
Note 1:
Loudspeaker over-current protection is only effective when loudspeaker drivers are properly connected with external LC filters. Please
refer to the application circuit example for recommended LC filter configuration.
AC ELECTRICAL CHARACTERISTICS
TA=25°C, VCC=24V, VDD = 3.3V, fS = 48kHz, RL=8Ω with passive LC lowpass filter (L= 15µH, RDC= 63mΩ,
C=220nF), input is 1kHz sinewave, volume is 0dB unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PO
RMS output power (Note 2)
THD+N=0.16%, VCC=24V, +8dB
volume
10
W
THD+N=0.25%, VCC=24V, +8dB
volume
20
THD+N=1%, VCC=12V, +8dB volume
7.5
THD+N=10%, VCC=12V, +8dB volume
9
PBTL Mode, VCC=24V, RL=4Ω,
THD+N=0.16%, +8dB volume
40
PBTL Mode, VCC=12V, RL=4Ω,
THD+N=1%, +8dB volume
15
PBTL Mode, VCC=12V, RL=4Ω,
THD+N=10%, +8dB volume
18
2.1CH Mode, VCC=24V, RL=4Ω,
THD+N=0.14%, +8dB volume
5
2.1CH Mode, VCC=24V, RL=4Ω,
THD+N=0.16%, +8dB volume
10
2.1CH Mode, VCC=12V, RL=4Ω,
THD+N=1%, +8dB volume
3.7
2.1CH Mode, VCC=12V, RL=4Ω,
THD+N=10%, +8dB volume
4.5
THD+N
Total harmonic distortion +
noise
VCC=24V, PO = 7.5W
0.15
%
VCC=12V, Po = 2.5W
0.16
VNO
Output noise
20Hz ~ 20kHz (Note 3)
120
µV
SNR
Signal-to-noise ratio
+8dB volume, input level is -9dB
(Note 3)
104
dB
DR
Dynamic range
+8dB volume, input level is -68dB
(Note 3)
110
dB
PSRR
Power supply ripple rejection VRIPPLE = 1VRMS at 1kHz
-71
dB
Channel separation
1W @1kHz
-81
dB


Similar Part No. - IS31AP2121-LQLS1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
   2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
More results

Similar Description - IS31AP2121-LQLS1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
   2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
   2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
   2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
   2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com