Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS31AP2121-LQLS1 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS31AP2121-LQLS1
Description  2횞25W STEREO / 1횞 50W MONO DIGITAL AUDIO AMPLIFIER WITH 20 BANDS EQ FUNCTIONS, DRC AND 2.1CH MODE
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2121-LQLS1 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS31AP2121-LQLS1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31AP2121-LQLS1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
IS31AP2121
Integrated Silicon Solution, Inc. – www.issi.com
10
Rev. C, 10/20/2015
I2C DIGITAL INPUT SWITCHING CHARACTERISTICS (Note 4)
Symbol
Parameter
Standard Mode
Fast Mode
Unit
Min.
Max.
Min.
Max.
fSCL
Serial-Clock frequency
0
100
0
400
kHz
tBUF
Bus free time between a STOP and a START
condition
4.7
1.3
μs
tHD, STA
Hold time (repeated) START condition
4.0
0.6
μs
tSU, STA
Repeated START condition setup time
4.7
0.6
μs
tSU, STO
STOP condition setup time
4.0
0.6
μs
tHD, DAT
Data hold time
0
3.45
0
0.9
μs
tSU, DAT
Data setup time
250
100
ns
tLOW
SCL clock low period
4.7
1.3
μs
tHIGH
SCL clock high period
4.0
0.6
μs
tR
Rise time of both SDA and SCL signals,
receiving
1000
20+0.1Cb
300
ns
tF
Fall time of both SDA and SCL signals,
receiving
300
20+0.1Cb
300
ns
Cb
Capacitive load for each bus line
400
400
pF
VNL
Noise margin at the low level for each
connected device (including hysteresis)
0.1VDD
0.1VDD
V
VNH
Noise margin at the high level for each
connected device (including hysteresis)
0.2VDD
0.2VDD
V
I2S DIGITAL INPUT SWITCHING CHARACTERISTICS (Note 4)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
tLR
LRCIN period (1/FS)
10.41
31.25
μs
tBL
BCLK rising edge to LRCIN edge
50
ns
tLB
LRCIN edge to BCLK rising edge
50
ns
tBCC
BCLK period (1/64FS)
162.76
488.3
ns
tBCH
BCLK pulse width high
81.38
244
ns
tBCL
CBLK pulse width low
81.38
244
ns
tDS
SDATA set up time
50
ns
tDH
SDATA hold time
50
ns
Note 2:
Thermal dissipation is limited by package type and PCB design. The external heat-sink or system cooling method should be adopted
for maximum power output.
Note 3:
Measured with A-weighting filter.
Note 4:
Guaranteed by design.


Similar Part No. - IS31AP2121-LQLS1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2121 ISSI-IS31AP2121 Datasheet
684Kb / 37P
   2X20W STEREO / 1X 40W MONO DIGITAL AUDIO AMPLIFIER
More results

Similar Description - IS31AP2121-LQLS1

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD82584 ESMT-AD82584 Datasheet
208Kb / 3P
   2x20W Stereo / 1x 40W Mono Digital Audio Amplifier With 20 bands EQ Functions, DRC and 2.1CH Mode
Revision: 0.3
AD82584D ESMT-AD82584D Datasheet
949Kb / 56P
   2x25W Stereo / 1x 50W Mono Digital Audio Amplifier With 16 bands EQ Functions, DRC
Revision: 1.6
AD83586B ESMT-AD83586B Datasheet
1Mb / 62P
   2x40W Stereo / 1x 80W Mono / 2x20W1x40W 2.1CH Digital Audio Amplifier with 20 Bands EQ
Revision: 1.3
AD87588 ESMT-AD87588 Datasheet
1Mb / 3P
   2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 20 Bands EQ Functions Capless Line Driver
Revision: 1.0 Feb. 2015
logo
Texas Instruments
TAS5716 TI1-TAS5716_16 Datasheet
1Mb / 64P
[Old version datasheet]   20-W Stereo Digital-Audio Power Amplifier With EQ and DRC
TAS5706A TI1-TAS5706A_16 Datasheet
1Mb / 71P
[Old version datasheet]   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Eutech Microelectronics...
EUA2307 EUTECH-EUA2307 Datasheet
100Kb / 1P
   20-W Stereo Digital Audio Power Amplifier with EQ and DRC
logo
Texas Instruments
TAS5707 TI-TAS5707 Datasheet
1Mb / 55P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI1-TAS5709_16 Datasheet
1Mb / 61P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
TAS5709 TI-TAS5709_15 Datasheet
1Mb / 60P
[Old version datasheet]   20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com