Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62136RGXR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62136RGXR
Description  1-MHz High Accuracy 3-V to 17-V 4-A Step-Down Converters with DCS Control
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62136RGXR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62136RGXR Datasheet HTML 7Page - Texas Instruments TPS62136RGXR Datasheet HTML 8Page - Texas Instruments TPS62136RGXR Datasheet HTML 9Page - Texas Instruments TPS62136RGXR Datasheet HTML 10Page - Texas Instruments TPS62136RGXR Datasheet HTML 11Page - Texas Instruments TPS62136RGXR Datasheet HTML 12Page - Texas Instruments TPS62136RGXR Datasheet HTML 13Page - Texas Instruments TPS62136RGXR Datasheet HTML 14Page - Texas Instruments TPS62136RGXR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
n s
L
V O U T
V I N
I
I
L I M H
ty p
p e a k
5 0
)
(
´
-
+
=
PD
L
LIMH
typ
peak
t
L
V
I
I
´
+
=
)
(
11
TPS62136, TPS621361
www.ti.com
SLVSDV2 – MARCH 2017
Product Folder Links: TPS62136 TPS621361
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Device Functional Modes (continued)
where:
IOUT is the output current,
RDS(on) is the on-state resistance of the high-side FET and
RL is the DC resistance of the inductor used.
9.4.4 HICCUP Current Limit And Short Circuit Protection (TPS62136 only)
The TPS62136 is protected against overload and short circuit events. If the inductor current exceeds the current
limit I(LIMH), the high side switch is turned off and the low side switch is turned on to ramp down the inductor
current. The high side FET turns on again only if the current in the low side FET has decreased below the low
side current limit threshold. Once the high side switch current limit is triggered for 512 subsequent switching
cycles, the device stops switching. After a typical delay of 800 µs, the device begins a new Soft-Start cycle. This
is called HICCUP short circuit protection. TPS62136 repeats this mode until the short circuit condition
disappears.
Due to internal propagation delay, the actual current can exceed the static current limit during that time. The
dynamic current limit is given as:
(6)
where:
ILIMH is the static current limit as specified in the electrical characteristics
L is the effective inductance at the peak current
VL is the voltage across the inductor (VIN - VOUT) and
tPD is the internal propagation delay of typically 50 ns.
The current limit can exceed static values, especially if the input voltage is high and very small inductances are
used. The dynamic high side switch peak current can be calculated as follows:
(7)
9.4.5 Current Limit And Short Circuit Protection (TPS621361 only)
The TPS621361 is protected by a current limit the same as the TPS62136 but does not turn off after a certain
time. This allows it to provide the maximum current, for example, charging a large output capacitance without the
need to increase the Soft-Start time. Equation 6 and Equation 7 also apply.
9.4.6 Soft-Start / Tracking (SS/TR)
The internal Soft-Start circuitry controls the output voltage slope during startup. This avoids excessive inrush
current and ensures a controlled output voltage rise time. It also prevents unwanted voltage drops from high
impedance power sources or batteries. When EN is set high to start operation, the device starts switching after a
delay of about 200 μs then the internal reference and hence VOUT rises with a slope controlled by an external
capacitor connected to the SS/TR pin.
Leaving SS/TR pin un-connected provides fastest startup behavior with 150 µs typically.
If the device is set to shutdown (EN = GND), undervoltage lockout or thermal shutdown, an internal resistor pulls
the SS/TR pin down to ensure a proper low level. Returning from those states causes a new startup sequence as
set by the SS/TR connection.
A voltage supplied to SS/TR can be used to track a master voltage. The output voltage follows this voltage in
both directions up and down in forced PWM mode. In PFM mode, the output voltage decreases based on the
load current. The SS/TR pin of several devices must not be connected with each other.


Similar Part No. - TPS62136RGXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62130 TI1-TPS62130 Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 36P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS62130 TI1-TPS62130 Datasheet
1Mb / 37P
[Old version datasheet]   3-17V 3A Step-Down Converter in 3x3 QFN Package
TPS6213013A-Q1 TI1-TPS6213013A-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS6213013AQRGTRQ1 TI1-TPS6213013AQRGTRQ1 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results

Similar Description - TPS62136RGXR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62135 TI1-TPS62135 Datasheet
1Mb / 40P
[Old version datasheet]   High Accuracy 3-V to 17-V 3.5-A Step-Down Converters with DCS-Control
TPS62148 TI1-TPS62148 Datasheet
2Mb / 46P
[Old version datasheet]   High Accuracy 3-V to 17-V 2-A Step-Down Converter With DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
TPS62152C-Q1 TI1-TPS62152C-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TLV62150 TI-TLV62150_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TLV62130 TI-TLV62130_15 Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com