Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBCC2820JC5N0 Datasheet(PDF) 1 Page - Kemet Corporation

Part # LDBCC2820JC5N0
Description  Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 F, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDBCC2820JC5N0 Datasheet(HTML) 1 Page - Kemet Corporation

  LDBCC2820JC5N0 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - 9d0b0b31-d123-4ba0-b74a-38ea062361b9
KEMET Part Number: LDBCC2820JC5N0
(DBCC2820JC5N0)
Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 uF, 5%, 50 V, 40 V, 125C, 1812, 1.7mm
Dimensions
Chip Size
1812
L
4.7mm +0.3/-0.2mm
W
3.3mm +/-0.3mm
T
1.7mm MAX
B
0.5mm +0.5/-0.3mm
Packaging Specifications
Packaging: T&R
Packaging Quantity: 4000
General Information
Dielectric: Metallized PPS Stacked
Style: SMD Chip
Series: LDB
RoHS: Yes
Approvals: AEC-Q200
AEC-Q200: Yes
Specifications
Capacitance: 0.082 uF
Capacitance Tolerance: 5%
Voltage DC: 50 VDC
Voltage AC: 40 V
Temperature Range: -55/+125C
Rated Temperature: 125C
Dissipation Factor: 0.6% 1kHz
Insulation Resistance: 3 GOhms
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - LDBCC2820JC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBCC2824GC5N0 KEMET-LDBCC2824GC5N0 Datasheet
842Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
LDBCC2824JC5N0 KEMET-LDBCC2824JC5N0 Datasheet
842Kb / 12P
   LDB Series Unencapsulated Stacked Chip, Size 1206 ??1812, 16 and 50 VDC
More results

Similar Description - LDBCC2820JC5N0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDBAB2820JC5N0 KEMET-LDBAB2820JC5N0 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 0.082 uF, 5%, 16 V, 125C, 1210, 1.7mm
LDBCA1470JC5N0 KEMET-LDBCA1470JC5N0_17 Datasheet
57Kb / 1P
   Film, Metallized PPS Stacked, Commercial Grade, LDB, 4700 pF, 5%, 50 V, 40 V, 125C, 1206, 1.1mm
LDECC2100JA5N00 KEMET-LDECC2100JA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.01 uF, 5%, 50 V, 40 VAC, 125C, 1812, 1.7mm
LDECC2220JA5N00 KEMET-LDECC2220JA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.022 uF, 5%, 50 V, 40 VAC, 125C, 1812, 1.7mm
LDECC2100KA5N00 KEMET-LDECC2100KA5N00 Datasheet
59Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.01 uF, 10%, 50 V, 40 VAC, 125C, 1812, 1.7mm
LDECC2390KA5N00 KEMET-LDECC2390KA5N00 Datasheet
60Kb / 1P
   LDE, Film, Metallized PEN Stacked, Automotive Grade, 0.039 uF, 10%, 50 V, 40 VAC, 125C, 1812, 1.7mm
LDEDC3220JA5N00 KEMET-LDEDC3220JA5N00 Datasheet
57Kb / 1P
   LDE, Film, Metallized PEN Stacked, Commercial Grade, 0.22 uF, 5%, 63 V, 40 V, 125C, 1812, 2.4mm
LDECC2330KA5N00 KEMET-LDECC2330KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.033 uF, 10%, 50 V, 40 V, 125C, 1812, 1.8mm
LDECC2680KA5N00 KEMET-LDECC2680KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.068 uF, 10%, 50 V, 40 V, 125C, 1812, 1.8mm
LDEDC3220KA5N00 KEMET-LDEDC3220KA5N00 Datasheet
57Kb / 1P
   Film, Metallized PEN Stacked, Commercial Grade, LDE, 0.22 uF, 10%, 63 V, 40 V, 125C, 1812, 2.4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com