Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ48 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMCJ48
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMCJ48 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  SMCJ48 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMCJ48 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMCJ48 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMCJ48 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMCJ48 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMCJ48 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMCJ5.0--SMCJ440CA
Document Number: SMC601AD
www.gmicroelec.com
2
ELECTRICAL CHARACTERISTICS (TA=25℃)
Type
Dynamic
VWM
IRM
IPPM
VC
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
V
SMCJ5.0
6.40
7.82
10
5.0
1000
156.3
9.6
SMCJ5.0A
6.40
7.07
10
5.0
1000
163.0
9.2
SMCJ6.0
6.67
8.15
10
6.0
1000
131.6
11.4
SMCJ6.0A
6.67
7.37
10
6.0
1000
145.6
10.3
SMCJ6.5
7.22
8.82
10
6.5
500
122.0
12.3
SMCJ6.5A
7.22
7.98
10
6.5
500
133.9
11.2
SMCJ6.8
7.56
9.22
10
6.8
500
123.3
12.1
SMCJ6.8A
7.56
8.35
10
6.8
500
136.0
12.0
SMCJ7.0
7.78
9.51
10
7.0
200
112.8
13.3
SMCJ7.0A
7.78
8.60
10
7.0
200
125.0
12.0
SMCJ7.5
8.33
10.2
1.0
7.5
100
104.9
14.3
SMCJ7.5A
8.33
9.21
1.0
7.5
100
116.3
12.9
SMCJ8.0
8.89
10.9
1.0
8.0
50
100.0
15.0
SMCJ8.0A
8.89
9.83
1.0
8.0
50
110.3
13.6
SMCJ8.5
9.44
11.5
1.0
8.5
20
94.3
15.9
SMCJ8.5A
9.44
10.4
1.0
8.5
20
104.2
14.4
SMCJ9.0
10.0
12.2
1.0
9.0
10
88.8
16.9
SMCJ9.0A
10.0
11.1
1.0
9.0
10
97.4
15.4
SMCJ10
11.1
13.6
1.0
10
5.0
79.8
18.8
SMCJ10A
11.1
12.3
1.0
10
5.0
88.2
17.0
SMCJ11
12.2
14.9
1.0
11
5.0
74.6
20.1
SMCJ11A
12.2
13.5
1.0
11
5.0
82.4
18.2
SMCJ12
13.3
16.3
1.0
12
5.0
68.2
22.0
SMCJ12A
13.3
14.7
1.0
12
5.0
75.4
19.9
SMCJ13
14.4
17.6
1.0
13
5.0
63.0
23.8
SMCJ13A
14.4
15.9
1.0
13
5.0
69.8
21.5
SMCJ14
15.6
19.1
1.0
14
5.0
58.1
25.8
SMCJ14A
15.6
17.2
1.0
14
5.0
64.7
23.2
SMCJ15
16.7
20.4
1.0
15
5.0
55.8
26.9
SMCJ15A
16.7
18.5
1.0
15
5.0
61.5
24.4
SMCJ16
17.8
21.8
1.0
16
5.0
52.1
28.8
SMCJ16A
17.8
19.7
1.0
16
5.0
57.7
26.0
SMCJ17
18.9
23.1
1.0
17
5.0
49.2
30.5
SMCJ17A
18.9
20.9
1.0
17
5.0
54.3
27.6
SMCJ18
20.0
24.4
1.0
18
5.0
46.6
32.2
SMCJ18A
20.0
22.1
1.0
18
5.0
51.4
29.2
SMCJ20
22.2
27.1
1.0
20
5.0
41.9
35.8
SMCJ20A
22.2
24.5
1.0
20
5.0
46.3
32.4


Similar Part No. - SMCJ48

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ48 DCCOM-SMCJ48 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMCJ48 TSC-SMCJ48 Datasheet
192Kb / 7P
   1500W, 5V - 170V Surface Mount Transient Voltage Suppressor
logo
Yangzhou yangjie electr...
SMCJ48 YANGJIE-SMCJ48 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ48 FORMOSA-SMCJ48 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
logo
General Semiconductor
SMCJ48 GE-SMCJ48 Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMCJ48

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com