Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR.06.A.DG Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # FXR.06.A.DG
Description  Can be placed directly on metal surfaces
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.06.A.DG Datasheet(HTML) 3 Page - Taoglas antenna solutions

  FXR.06.A.DG Datasheet HTML 1Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 2Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 3Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 4Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 5Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 6Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 7Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 8Page - Taoglas antenna solutions FXR.06.A.DG Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SPE-15-8-027/B/CMPage3of10
2.
Specification
Flexible PCB Near-Field Communications Antenna
Frequency
13.56
MHz
Inductance @ 13.56 MHz
5.2
µH
NFC Mechanical
Antenna Dimensions
Dimensions: 47 mm x 47 mm
Thickness: 0.15 mm
Adhesive
3M 467
Weight
2g
Ferrite Sheet Mechanical
PET
Dimension: 47*47 mm
Thickness: 0.02 mm
Ferrite Sheet
Dimension: 47*47 mm
Thickness: 0.10 mm
Adhesive Type
Nitto UTD-30 (W)
Thickness: 0.03 mm
Environmental
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH


Similar Part No. - FXR.06.A.DG

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.06.A TAOGLAS-FXR.06.A Datasheet
1Mb / 10P
   Flexible Low Profile Embedded
More results

Similar Description - FXR.06.A.DG

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR.07.A.DG TAOGLAS-FXR.07.A.DG Datasheet
6Mb / 10P
   Can be placed directly on metal surfaces
logo
Highly Electric Co., Lt...
PB6151H-1-101 HIGHLY-PB6151H-1-101 Datasheet
1,016Kb / 3P
   Snap-in type, can be mounted directly on P.C.B Board.
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U Datasheet
146Kb / 2P
   Can be welded directly onto PCB.
logo
HuaXinAn Electronics CO...
JQX-54FEA HUAXINAN-JQX-54FEA Datasheet
408Kb / 1P
   Can be welded directly onto PCB
JQX-102FA HUAXINAN-JQX-102FA Datasheet
489Kb / 1P
   Can be welded directly onto PCB.
logo
Abracon Corporation
ART915X2509EP60-IC ABRACON-ART915X2509EP60-IC Datasheet
456Kb / 3P
   Suitable for non-metal surfaces
07/13/2016
ART915X25275YZ25-IC ABRACON-ART915X25275YZ25-IC Datasheet
365Kb / 3P
   Suitable for non-metal surfaces
07/13/2016
ART915X3030YZ30-IC ABRACON-ART915X3030YZ30-IC Datasheet
392Kb / 3P
   Suitable for non-metal surfaces
07/13/2016
ART923X1015YZ10-IC ABRACON-ART923X1015YZ10-IC Datasheet
388Kb / 3P
   Suitable for non-metal surfaces
06/27/2016
logo
PHOENIX CONTACT
1025465 PHOENIX-1025465 Datasheet
68Kb / 4P
   Can be labeled on every level
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com