Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ8.0 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # SMAJ8.0
Description  TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SMAJ8.0 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  SMAJ8.0 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SMAJ8.0 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited SMAJ8.0 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited SMAJ8.0 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited SMAJ8.0 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited SMAJ8.0 Datasheet HTML 6Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Production specification
TRANSIENT VOLTAGE SUPPRESSOR
SMAJ5.0--SMAJ440CA
Document Number: SMA601AE
www.gmicroelec.com
4
Type
Device
marking
code
Dynamic
VWM
IRM
IPPM
VC
UNI
BI
V
@IT
VWM
IPPM
Min
Max
m A
V
u A
A
v
SMAJ85
ARU
AZU
94.4
115
1.0
85
5.0
2.0
151
SMAJ85A
ARV
AZV
94.4
104
1.0
85
5.0
2.2
137
SMAJ90A
ARX
AZX
100
111
1.0
90
5.0
2.1
146
SMAJ100
ARY
AZY
111
136
1.0
100
5.0
1.7
179
SMAJ100A
ARZ
AZZ
111
123
1.0
100
5.0
1.9
162
SMAJ110
ASD
AVD
122
149
1.0
110
5.0
1.5
196
SMAJ110A
ASE
AVE
122
135
1.0
110
5.0
1.7
177
SMAJ120
ASF
AVF
133
163
1.0
120
5.0
1.4
214
SMAJ120A
ASG
AVG
133
147
1.0
120
5.0
1.6
193
SMAJ130
ASH
AVH
144
176
1.0
130
5.0
1.3
231
SMAJ130A
ASK
AVK
144
159
1.0
130
5.0
1.4
209
SMAJ150
ASL
AVL
167
204
1.0
150
5.0
1.1
268
SMAJ150A
ASM
AVM
167
185
1.0
150
5.0
1.2
243
SMAJ160
ASN
AVN
178
218
1.0
160
5.0
1.0
287
SMAJ160A
ASP
AVP
178
197
1.0
160
5.0
1.2
259
SMAJ170
ASQ
AVQ
189
231
1.0
170
5.0
1.0
304
SMAJ170A
ASR
AVR
189
209
1.0
170
5.0
1.1
275
SMAJ180
ATW
AUW
200
245
1.0
180
5.0
1.2
321
SMAJ180A
ATX
AUX
200
221
1.0
180
5.0
1.4
291
SMAJ188
AST
AVT
209
255
1.0
188
5.0
0.9
344
SMAJ188A
ASS
AVS
209
231
1.0
188
5.0
0.9
328
SMAJ200
ASU
AVU
222
272
1.0
200
5.0
1.1
356
SMAJ200A
ASV
AVV
222
246
1.0
200
5.0
1.2
323
SMAJ220
ASW
AVW
245
299
1.0
220
5.0
1.0
392
SMAJ220A
ASX
AVX
245
270
1.0
220
5.0
1.0
355
SMAJ240
ASY
AVY
267
326
1.0
240
5.0
0.9
428
SMAJ240A
ASZ
AVZ
267
295
1.0
240
5.0
1.0
388
SMAJ250
ATS
AXS
278
340
1.0
250
5.0
0.9
446
SMAJ250A
ATT
AXT
278
307
1.0
250
5.0
1.0
404
SMAJ300
ATF
AXF
333
408
1.0
300
5.0
0.7
535
SMAJ300A
ATG
AXG
333
368
1.0
300
5.0
0.8
485
SMAJ350
ATQ
AXQ
389
476
1.0
350
5.0
0.6
624
SMAJ350A
ATR
AXR
389
430
1.0
350
5.0
0.7
565
SMAJ360
ATH
AXH
400
489
1.0
360
5.0
0.6
642
SMAJ360A
ATK
AXK
400
442
1.0
360
5.0
0.7
582
SMAJ400
ATL
AXL
445
544
1.0
400
5.0
0.6
713
SMAJ400A
ATM
AXM
445
491
1.0
400
5.0
0.6
646
SMAJ440
ATN
AXN
489
598
1.0
440
5.0
0.5
784
SMAJ440A
ATP
AXP
489
540
1.0
440
5.0
0.6
711


Similar Part No. - SMAJ8.0

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ8.0 JGD-SMAJ8.0 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SMAJ8.0 TSC-SMAJ8.0 Datasheet
197Kb / 7P
   400W, 5V - 188V Surface Mount Transient Voltage Suppressor
logo
RFE international
SMAJ8.0 RFE-SMAJ8.0 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
logo
Shenzhen Luguang Electr...
SMAJ8.0 LUGUANG-SMAJ8.0 Datasheet
2Mb / 4P
   Transient Voltage Suppressors
SMAJ8.0 LUGUANG-SMAJ8.0 Datasheet
843Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMAJ8.0

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com