Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV99RW Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # BAV99RW
Description  Dual series switching diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAV99RW Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BAV99RW Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAV99RW Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAV99RW Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
Dual series switching diode
BAV99RW
F007
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Reverse breakdown voltage
V(BR)
I(BR)=100μA
70
V
Reverse voltage leakage current
IR
VR=70V
2.5
μA
Forward voltage
VF
IF=1mA
IF=10mA
IF=50mA
IF=150mA
715
855
1000
1250
mV
Diode capacitance
CD
VR=0V f=1MHz
1.5
pF
Reverse recovery time
trr
IF=IR=10mA
RL=100Ω
6.0
nS
Forward recovery voltage
VFR
IF=10mA,tr=20ns
1.75
V
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - BAV99RW

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV99RW SEMTECH_ELEC-BAV99RW Datasheet
239Kb / 2P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Shenzhen Luguang Electr...
BAV99RW LUGUANG-BAV99RW Datasheet
247Kb / 2P
   Dual Series Switching Diode
logo
Diode Semiconductor Kor...
BAV99RW DSK-BAV99RW Datasheet
236Kb / 3P
   Dual series switching diode
logo
Galaxy Semi-Conductor H...
BAV99RW BILIN-BAV99RW Datasheet
107Kb / 3P
   Dual series switching diode
logo
Motorola, Inc
BAV99RWT1 MOTOROLA-BAV99RWT1 Datasheet
128Kb / 6P
   SC-70/SOT-323 Dual Series Switching Diode
More results

Similar Description - BAV99RW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
   Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com