Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAB.6009 Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # CAB.6009
Description  taoglas cable assembly
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB.6009 Datasheet(HTML) 4 Page - Taoglas antenna solutions

  CAB.6009 Datasheet HTML 1Page - Taoglas antenna solutions CAB.6009 Datasheet HTML 2Page - Taoglas antenna solutions CAB.6009 Datasheet HTML 3Page - Taoglas antenna solutions CAB.6009 Datasheet HTML 4Page - Taoglas antenna solutions CAB.6009 Datasheet HTML 5Page - Taoglas antenna solutions CAB.6009 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPE-15-8-006/A/WY
Page 4 of 6
2.3 Electrical & Physical Specification
1
Item:
30 AWG
2
Rating Temp Voltage:
105°C
30V UL 1979
3
Insulation Resistance:
3000 MEGA OHM-KM Min.
4
Conductor Resistance:
335 OHM/KM/20°C Max.
5
Dielectric Strength:
AC 1.0 KV/minute
6
Spark test:
2.5 KV
7
Insulation
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
8
Jacket
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
9
Nom. Impedance
50
 3 Ohms
10
Nom. Capacitance
96
 3 pF/m
11
Nom. Vel. Of Prop.
69%
12
VSWR (0-6GHz)
Max 1.3
13
Flame Test
VW-1 OK
14
Thermal Shock
Less 1mm at 232
C/1 HR
13
Bend Radius
9mm min.
14
Attenuation (dB/1M)
2.0GHz
2.20
2.4GHz
2.60
3.0GHz
2.80
4.0GHz
3.40
5.0GHz
3.80
6.0GHz
4.30


Similar Part No. - CAB.6009

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CAB.6162 TAOGLAS-CAB.6162 Datasheet
363Kb / 6P
   taoglas cable assembly
CAB.618.C TAOGLAS-CAB.618.C Datasheet
266Kb / 5P
   rohs compliant
CAB.622 TAOGLAS-CAB.622 Datasheet
317Kb / 5P
   rohs compliant
CAB.628 TAOGLAS-CAB.628 Datasheet
326Kb / 5P
   rohs compliant
CAB.695 TAOGLAS-CAB.695 Datasheet
328Kb / 5P
   rohs compliant
More results

Similar Description - CAB.6009

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
CAB.V05 TAOGLAS-CAB.V05 Datasheet
401Kb / 6P
   taoglas cable assembly
CAB.V11 TAOGLAS-CAB.V11 Datasheet
336Kb / 5P
   taoglas cable assembly
CAB.D05 TAOGLAS-CAB.D05 Datasheet
327Kb / 5P
   taoglas cable assembly
CAB.R01 TAOGLAS-CAB.R01 Datasheet
304Kb / 5P
   taoglas cable assembly
CAB.W11 TAOGLAS-CAB.W11 Datasheet
382Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09_18 Datasheet
377Kb / 5P
   Taoglas Cable Assembly
CAB.V11 TAOGLAS-CAB.V11_18 Datasheet
451Kb / 5P
   Taoglas Cable Assembly
CAB.V08 TAOGLAS-CAB.V08_18 Datasheet
383Kb / 5P
   Taoglas Cable Assembly
CAB.V12 TAOGLAS-CAB.V12 Datasheet
338Kb / 5P
   taoglas cable assembly
CAB.W09 TAOGLAS-CAB.W09 Datasheet
1Mb / 5P
   taoglas cable assembly
CAB.W10 TAOGLAS-CAB.W10 Datasheet
269Kb / 5P
   taoglas cable assembly
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com