Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU5-107-1000 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU5-107-1000
Description  CABLE ASSEMBLY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU5-107-1000 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU5-107-1000 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU5-107-1000 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
CABLE ASSEMBLY
RPC-1.85 JACK / RPC-1.85 PLUG
LU5-107-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 70 GHz
Return loss
≥ 26 dB, DC to 4 GHz
≥ 22 dB, 4 GHz to 20 GHz
≥ 15 dB, 20 GHz to 50 GHz
≥ 14 dB, 50 GHz to 70 GHz
Insertion loss
see table available variants
Phase deviation:
After 90°bending
≤ 1.0°, DC to 4 GHz
≤ 3.0°, 4 GHz to 20 GHz
≤ 7.0°, 20 GHz to 70 GHz
Straight after 3x90°bending
≤ 1.0°, DC to 4 GHz
≤ 2.0°, 4 GHz to 20 GHz
≤ 4.0°, 20 GHz to 70 GHz
Amplitude stability
≤ 0.03 dB, DC to 4 GHz
≤ 0.10 dB, 4 GHz to 20 GHz
≤ 0.20 dB, 20 GHz to 50 GHz
≤ 0.30 dB, 50 GHz to 70 GHz
Return loss stability
≥ 45 dB, DC to 20 GHz
≥ 35 dB, 20 GHz to 50 GHz
≥ 30 dB, 50 GHz to 70 GHz
RF-leakage
≥ 100 dB up to 1 GHz
Mechanical data
Minimum bend radius
60 mm
Environmental data
Operating temperature range
+20°C to +26°C
Storage temperature range
-40°C to +85°C
2002/95/EC (RoHS)
compliant
Packing
Standard
1 pce in box
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Martin Moder
06/08/12
Roland Neuhauser
21/08/12
b00
12-s363
Maik Knoll
21/08/12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - LU5-107-1000

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-107-600 ROSENBERGER-LU5-107-600 Datasheet
105Kb / 2P
   TEST CABLE SET
More results

Similar Description - LU5-107-1000

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CNX-410 VCC-CNX-410 Datasheet
1Mb / 1P
   Cable Assembly
logo
Marl International Limi...
CNX-310 MARL-CNX-310 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-440 MARL-CNX-440 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
JFW Industries, Inc.
016-850-XX JFW-016-850-XX Datasheet
26Kb / 1P
   CABLE ASSEMBLY
logo
Pasternack Enterprises,...
PE34319LF PASTERNACK-PE34319LF Datasheet
300Kb / 1P
   Cable ASSEMBLY
logo
Marl International Limi...
CNX-310 MARL-CNX-310_15 Datasheet
25Kb / 1P
   CABLE ASSEMBLY
CNX-410 MARL-CNX-410_15 Datasheet
1Mb / 1P
   CABLE ASSEMBLY
logo
Rosenberger Hochfrequen...
LE3-006-160-NM ROSENBERGER-LE3-006-160-NM Datasheet
212Kb / 4P
   Cable assembly
LH1-053-80-NM ROSENBERGER-LH1-053-80-NM Datasheet
72Kb / 2P
   CABLE ASSEMBLY
LA2-020-3000 ROSENBERGER-LA2-020-3000 Datasheet
164Kb / 2P
   Cable assembly
LD5-216-XXXX-Y-Y ROSENBERGER-LD5-216-XXXX-Y-Y Datasheet
122Kb / 2P
   CABLE ASSEMBLY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com