Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2347 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2347
Description  PLLatinum??Frequency Synthesizer for RF Personal Communications
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2347 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMX2347 Datasheet HTML 2Page - National Semiconductor (TI) LMX2347 Datasheet HTML 3Page - National Semiconductor (TI) LMX2347 Datasheet HTML 4Page - National Semiconductor (TI) LMX2347 Datasheet HTML 5Page - National Semiconductor (TI) LMX2347 Datasheet HTML 6Page - National Semiconductor (TI) LMX2347 Datasheet HTML 7Page - National Semiconductor (TI) LMX2347 Datasheet HTML 8Page - National Semiconductor (TI) LMX2347 Datasheet HTML 9Page - National Semiconductor (TI) LMX2347 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical Characteristics (Continued)
The following conditions apply; V
CC = 3.0V, VP = 3.0V; −40˚C
≤ T
A
≤ 85˚C, unless specified differently.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LOGICAL INTERFACE (CE, CLOCK, LE, DATA, LD)
V
IH
High-level Input Voltage
0.8 V
CC
V
V
IL
Low-level Input Voltage
0.2 V
CC
V
I
IH
High-level Input Current
V
IH =VCC = 5.5V
−1.0
1.0
µA
I
IL
Low-level Input Current
V
IL = 0V, VCC = 5.5V
−1.0
1.0
µA
V
OH
High-level Output Voltage
I
OH = −500 µA
V
CC − 0.4
V
V
OL
Low-level Output Voltage
I
OL = 500 µA
0.4
V
MICROWIRE INTERFACE (CLOCK, LE, DATA)
t
CS
Data to Clock Set Up Time
(Note 5)
50
ns
t
CH
Data to Clock Hold Time
(Note 5)
10
ns
t
CWH
Clock Pulse Width High
(Note 5)
50
ns
t
CWL
Clock Pulse Width Low
(Note 5)
50
ns
t
ES
Clock to Latch Enable Set Up
Time
(Note 5)
50
ns
t
EW
Latch Enable Pulse Width
(Note 5)
50
ns
PHASE NOISE
L(f)
Single Side-Band Phase Noise
F
IN = 900 MHz
Fφ = 200 kHz
F
OSC = 10 MHz
V
OSC = 1.0 VPP
T
A = 25˚C
(Note 3)
−91
dBc/Hz
F
IN = 1750 MHz
Fφ = 200 kHz
F
OSC = 10 MHz
V
OSC = 1.0 VPP
T
A = 25˚C
(Notes 3, 9)
−86
dBc/Hz
F
IN = 1960 MHz
Fφ = 200 kHz
F
OSC = 10 MHz
V
OSC = 1.0 VPP
T
A = 25˚C
(Note 3)
−85
dBc/Hz
F
IN = 2450 MHz
Fφ = 200 kHz
F
OSC = 10 MHz
V
OSC = 1.0 VPP
T
A = 25˚C
(Note 3)
−83
dBc/Hz
L
N(f)
Normalized Single Side-Band
Phase Noise
Fφ = 200 kHz
F
OSC = 10 MHz
V
OSC = 1.0 VPP
T
A = 25˚C
(Note 8)
−164.5
dBc/Hz
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Recommended Operating Conditions indicate conditions for
which the device is intended to be functional. For guaranteed specifications and test conditions see the Electrical Characteristics.
Note 2: This device is a high performance RF integrated circuit with an ESD rating <2 kV. Handling and assembly of this device should only be done at ESD
protected workstations.
Note 3: Phase Noise is measured using a reference evaluation board with a loop bandwidth of approximately 12 kHz. The phase noise specification is the
composite average of 3 measurements made at frequency offsets of 2.0, 2.5 and 3.0 kHz.
Note 4: See Charge Pump Measurement Definitions for detail on how these measurements are made.
Note 5: See Serial Input Data Timing.
Note 6: See FIN Sensitivity Test Setup.
Note 7: See OSCin Sensitivity Test Setup.
Note 8: Normalized Single-Side Band Phase Noise is defined as: LN(f) = L(f) − 20 log (FIN/Fφ), where L(f) is defined as the Single Side-Band Phase Noise.
Note 9: This parameter is derived from Normalized Single Side-Phase Noise, Ln(f).
Note 10: For FOSC frequencies below 10 MHz, it is recommended that the rise time of the signal does not exceed 25ns.
www.national.com
6


Similar Part No. - LMX2347

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2301 NSC-LMX2301 Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TM NSC-LMX2301TM Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2301TMX NSC-LMX2301TMX Datasheet
225Kb / 14P
   PLLatinumTM 160 MHz Frequency Synthesizer for RF Personal Communications
LMX2305 NSC-LMX2305 Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
LMX2305TM NSC-LMX2305TM Datasheet
228Kb / 14P
   PLLatinumTM 550 MHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2347

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306_04 Datasheet
338Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2430 TI1-LMX2430_14 Datasheet
4Mb / 48P
[Old version datasheet]   PLLatinum??Dual High Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
logo
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
logo
National Semiconductor ...
LMX2306 NSC-LMX2306 Datasheet
300Kb / 19P
   PLLatinum??Low Power Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com