Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC37300 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37300
Description  3.0A, LOW VOLTAGE UCAP LDO REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37300 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37300 Datasheet HTML 1Page - Micrel Semiconductor MIC37300 Datasheet HTML 2Page - Micrel Semiconductor MIC37300 Datasheet HTML 3Page - Micrel Semiconductor MIC37300 Datasheet HTML 4Page - Micrel Semiconductor MIC37300 Datasheet HTML 5Page - Micrel Semiconductor MIC37300 Datasheet HTML 6Page - Micrel Semiconductor MIC37300 Datasheet HTML 7Page - Micrel Semiconductor MIC37300 Datasheet HTML 8Page - Micrel Semiconductor MIC37300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC37300/37301/37302
Micrel
M0307-112003
2
November 2003
Ordering Information
Output
Part Number
Current
Voltage*
Junction Temp. Range
Package
MIC37300-1.5BR
3.0A
1.5V
–40
°C to +125°C
S-Pak-3
MIC37300-1.65BR
3.0A
1.65V
–40
°C to +125°C
S-Pak-3
MIC37300-1.8BR
3.0A
1.8V
–40
°C to +125°C
S-Pak-3
MIC37300-2.5BR
3.0A
2.5V
–40
°C to +125°C
S-Pak-3
MIC37300-3.3BR
3.0A
3.3V
–40
°C to +125°C
S-Pak-3
MIC37301-1.5BR
3.0A
1.5V
–40
°C to +125°C
S-Pak-5
MIC37301-1.8BR
3.0A
1.8V
–40
°C to +125°C
S-Pak-5
MIC37301-2.5BR
3.0A
2.5V
–40
°C to +125°C
S-Pak-5
MIC37301-3.3BR
3.0A
3.3V
–40
°C to +125°C
S-Pak-5
MIC37302BR
3.0A
ADJ.
–40
°C to +125°C
S-Pak-5
MIC37302BU
3.0A
ADJ.
–40
°C to +125°C
TO-263-5
*For other voltages contact Micrel.
Pin Configuration
5
FLG/ADJ
4
VOUT
3
GND
2
VIN
1EN
S-PAK-5 (R)
TO-263-5 (U)
3VOUT
2GND
1
VIN
S-PAK-3 (R)
Pin Description
Pin Number
Pin Number
Pin Name
Pin Function
TO-263-5
S-PAK-3
S-PAK-5
1
EN
Enable (Input): CMOS compatible input. Logic high = enable, logic
low = shutdown.
2
1
VIN
Input voltage which supplies current to the output power device.
3
2
GND
Ground: TAB is connected to ground.
4
3
VOUT
Regulator Output.
5
FLG
Error Flag (Output): Open collector output. Active-low indicates an output
fault condition.
ADJ
Adjustable Regulator Feedback Input: Connect to resistor voltage divider.


Similar Part No. - MIC37300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37300 MICREL-MIC37300 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC37300-1.5BR MICREL-MIC37300-1.5BR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC37300-1.5WR MICREL-MIC37300-1.5WR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC37300-1.65BR MICREL-MIC37300-1.65BR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC37300-1.65WR MICREL-MIC37300-1.65WR Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37300

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37252 MICREL-MIC37252 Datasheet
76Kb / 8P
   2.5A, Low Voltage UCap LDO Regulator
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC5233 MICREL-MIC5233 Datasheet
62Kb / 9P
   High Input Voltage, Low IQ uCap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
logo
HTC Korea TAEJIN Techno...
TJ47300GDP HTC-TJ47300GDP Datasheet
657Kb / 14P
   3.0A Low Output Voltage Ultra LDO Regulator
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com