Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEX9733 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # PEX9733
Description  Managed PCI Express Switches Based on ExpressFabric Technology
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

PEX9733 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  PEX9733 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED PEX9733 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED PEX9733 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
For more information, visit www.avagotech.com
Avago, Avago Technologies, the A logo, ExpressFabric, performancePAK, and visionPAK are trademarks of Avago Technologies in the United
States and other countries. All other brand and product names may be trademarks of their respective companies.
Copyright ©2015 Avago Technologies. All rights reserved. > 06.11.15 AV00-0327EN
Product Brief
PEX9700 Series
Part
Number
Lanes
Ports
Latency
(ns)
HPC*
Aggregate Bandwidth
SSC*
Dedicated x1
mCPU Port
DMA
Multicast
Package
Size (mm2)
Typical Power Modes
Power Typ. (W) Peer-to-Peer Fanout
Fabric
PEX9797
97
25
150
6
1536GT (8.0 GT/s/Lane x 96
SerDes x2 (full-duplex))
24
Yes
Yes
35x35
23.9
24.3
20.6
25.0
PEX9781
81
21
150
5
1280GT (8.0 GT/s/Lane x 80
SerDes x2 (full-duplex))
20
Yes
Yes
35x35
21.5
22.5
19.6
23.3
PEX9765
65
17
150
4
1024GT (8.0 GT/s/Lane x 64
SerDes x2 (full-duplex))
16
Yes
Yes
35x35
15.9
16.2
13.9
16.9
PEX9749
49
13
150
4
768GT (8.0 GT/s/Lane x 48
SerDes x2 (full-duplex))
12
Yes
Yes
27x27
13.5
14.5
12.8
15.2
PEX9733
33
9
150
2
512GT (8.0 GT/s/Lane x 32
SerDes x2 (full-duplex))
8
Yes
Yes
27x27
7.9
8.1
7.2
8.9
PEX9716
16
5
154
1
256GT (8.0 GT/s/Lane x 16
SerDes x2 (full-duplex))
4
No
No
19x19
4.0
4.0
3.8
4.8
PEX9712
12
5
158
1
192GT (8.0 GT/s/Lane x 12
SerDes x2 (full-duplex))
4
No
No
19x19
3.5
3.7
3.4
4.4
Product Ordering Information
Switch Part Numbers
Description
Rapid Development Kit (RDK) Part Number
PEX9797-AA80BC G
97-Lane, 25-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-AARDK
PEX9781-AA80BC G
81-Lane, 21-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-AARDK
PEX9765-AA80BC G
65-Lane, 17-Port ExpressFabric Device (35 × 35 mm2)
PEX9797-AARDK
PEX9749-AA80BC G
49-Lane, 13-Port ExpressFabric Device (27 × 27 mm2)
PEX9749-AARDK
PEX9733-AA80BC G
33-Lane, 9-Port ExpressFabric Device (27 × 27 mm2)
PEX9749-AARDK
PEX9716-AA80BC G
16-Lane, 5-Port ExpressFabric Device (19 ×19 mm2)
PEX9716-AARDK
PEX9712-AA80BC G
12-Lane, 5-Port ExpressFabric Device (19 × 19 mm2)
PEX9716-AARDK
PXF55033-AA
32-Port ExpressFabric top-of-rack switch box with QSFP+ connections
PXF51003-AA
2-Port PCIe bus extender card with redrivers and QSFP+ connections
Acronym Guide
DMA.............................................................................Direct Memory Access
HPC..............................................................................Hot-Plug Controllers
TWC.............................................................................Tunneled Window Connection
SSC...............................................................................Spread Spectrum Clock Isolation
MSI-X...........................................................................Message Signaled Interrupts
SRIS..............................................................................Separate Refclk Independent SSC Architecture
DPC..............................................................................Downstream Port Containment
eDPC............................................................................Enhanced DPC
Commercial Temperature Range......................0+70 (Celsius)


Similar Part No. - PEX9733

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
PEX9733 BOARDCOM-PEX9733 Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
PEX9733-B080BCG BOARDCOM-PEX9733-B080BCG Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
More results

Similar Description - PEX9733

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
PEX9797 AVAGO-PEX9797 Datasheet
471Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric
logo
Broadcom Corporation.
PEX9700 BOARDCOM-PEX9700 Datasheet
214Kb / 3P
   Managed PCI Express Switches Based on ExpressFabric짰 Technology
logo
Maxim Integrated Produc...
MAX4888 MAXIM-MAX4888 Datasheet
267Kb / 16P
   2.5Gbps PCI Express Passive Switches
Rev 0; 5/07
MAX4888A MAXIM-MAX4888A Datasheet
192Kb / 14P
   5.0Gbps PCI Express Passive Switches
Rev 1; 1/09
logo
NXP Semiconductors
SAA7160ETV2 NXP-SAA7160ETV2 Datasheet
246Kb / 57P
   PCI Express based audio and video bridge
Rev. 01-25 February 2008
SAA7160E NXP-SAA7160E Datasheet
246Kb / 57P
   PCI Express based audio and video bridge
Rev. 01-25 February 2008
logo
Silicom Ltd.
FB1C1XLGA10 SILICOM-FB1C1XLGA10 Datasheet
703Kb / 5P
   Programmable PCI Express Server Adapter Based on Intel FPGA Arria 10 GX/GT
FB2CGA10T11 SILICOM-FB2CGA10T11 Datasheet
229Kb / 2P
   Programmable PCI Express Server Adapter Intel FPGA based
logo
Endress+Hauser Group Se...
CM14 EH-CM14 Datasheet
878Kb / 16P
   Based on digital Memosens technology
2021-12-31
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com