Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMS-286Y-BLKG Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-286Y-BLKG
Description  Microwave Schottky Detector Diodes In Surface Mount SOD-523 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMS-286Y-BLKG Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMS-286Y-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMS-286Y-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 2006 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0201EN
AV01-0691EN - December 21, 2006
Tape Dimension
Part Number Ordering Information
Specification < Unit : mm >
hole pitch : 50 Pitch Tolerance : 200 ± 0.3
General Tolerance : ± 0.1
Surface resistance : 104 ~ 108 W/cm3
Part number
No. of Units
Container
HSMS-286Y-BLKG
100
Anti-static bag
HSMS-286Y-TR1G
3000
7" reel
Device Orientation
4 mm
8 mm
Top View
End View
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL


Similar Part No. - HSMS-286Y-BLKG

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2860 HP-HSMS-2860 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes Tape and Reel Options Available
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-2860 AVAGO-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2860 BOARDCOM-HSMS-2860 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results

Similar Description - HSMS-286Y-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285Y AVAGO-HSMS-285Y Datasheet
223Kb / 4P
   Zero Bias Schottky Detector Diodes In Surface Mount SOD-523 Package
HSMS-282Y AVAGO-HSMS-282Y Datasheet
199Kb / 5P
   RF Schottky Barrier Diodes In Surface Mount SOD-523 Package
HSMP-389Y AVAGO-HSMP-389Y Datasheet
180Kb / 4P
   RF Switching PIN Diodes In Surface Mount SOD-523 Package
logo
NXP Semiconductors
PESD24VS1UB PHILIPS-PESD24VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
Broadcom Corporation.
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286K BOARDCOM-HSMS-286K Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
   Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com