Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018639 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018639
Description  Impact zX2 95 Ohm 6 Pair Vertical Backplane Header, Unguided, 14 Columns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018639 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018639 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018639 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded
Yes
Voltage - Maximum
150V AC (RMS)
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-7703
Product Specification
PS-172374-999
Sales Drawing
SD-172375-0001
This document was generated on 03/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018639

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018639 MOLEX11-0622018639 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Open Endwall
0622018639 MOLEX1-0622018639 Datasheet
48Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0622018639 MOLEX11-0622018639 Datasheet
47Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
0622018639 MOLEX11-0622018639 Datasheet
43Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Left Guided, Open Endwall
0622018639 MOLEX11-0622018639 Datasheet
44Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Open Endwall
More results

Similar Description - 0622018639

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1723751707 MOLEX11-1723751707 Datasheet
59Kb / 2P
   Impact zX2 95 Ohm 6 Pair Vertical Backplane Header, Unguided, 14 Columns
1730921024 MOLEX11-1730921024 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided
1725401022 MOLEX11-1725401022 Datasheet
53Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
1725401022 MOLEX1-1725401022_17 Datasheet
60Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Orthogonal Daughtercard, Unguided
1730921024 MOLEX1-1730921024_17 Datasheet
60Kb / 2P
   Impact zX2 95 Ohm 6 Pair Right Angle Daughtercard Receptacle, Unguided,
1725501207 MOLEX1-1725501207_17 Datasheet
63Kb / 2P
   Impact zX2 95 Ohm 6 Pair Orthogonal Direct RAM Signal Module, Unguided
1725501207 MOLEX11-1725501207 Datasheet
63Kb / 2P
   Impact zX2 95 Ohm 6 Pair Orthogonal Direct RAM Signal Module, Unguided
1727001038 MOLEX11-1727001038 Datasheet
62Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Orthogonal Daughtercard, Unguided
1726991020 MOLEX1-1726991020_17 Datasheet
61Kb / 2P
   Impact zX2 95 Ohm 4 Pair Right Angle Daughtercard Receptacle, Unguided
1712981725 MOLEX1-1712981725_17 Datasheet
48Kb / 2P
   Impact 100 Ohm 6 Pair Vertical Backplane Header, Unguided, Dual Endwall
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com