Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCR50JZHFL Datasheet(PDF) 3 Page - Rohm

Part # MCR50JZHFL
Description  Thick film rectangular
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCR50JZHFL Datasheet(HTML) 3 Page - Rohm

  MCR50JZHFL Datasheet HTML 1Page - Rohm MCR50JZHFL Datasheet HTML 2Page - Rohm MCR50JZHFL Datasheet HTML 3Page - Rohm MCR50JZHFL Datasheet HTML 4Page - Rohm MCR50JZHFL Datasheet HTML 5Page - Rohm MCR50JZHFL Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MCR50
Resistors
Rev.C
3/5
External dimensions (Unit : mm)
0.6
±0.25
0.6
±0.25
5.0
±0.15
1
2
4
5
6
3
No.
Material
Resistive element (Qxide metal thick film)
Silver palladium thick film electrode
Nickel electrode
Sn/Pb or Sn electrode
Alumina substrate
Overcoating (glass)
1
2
3
4
5
6
Packaging
C
AB
D
AB
C
D
A0
P1
P0
P2
K
φD
Label
Reel
Taping
EIAJ ET-7200B compliant
13
±0.3
φ180
0
−3
φ60
+1
0
φ13±0.2
(Unit : mm)
(Unit : mm)
WF
E
A0
B0
D0
P0
P1
P2
K
12.0
±0.3
5.5
±0.05
1.75
±0.1
3.4
±0.2
5.6
±0.2
4.0
±0.1
4.0
±0.1
2.0
±0.05
Max. 1.1
φ1.5 +0.1
0
Makeup of the part number
MCR50
JZH
4,000
F
±1%
±5%
J
10
Ω or more (F class)
1
Ω or more (J class)
Up to 10
Ω (F class)
Up to 1
Ω (J class)
Part No.
Paper tape
Code
Packaging
Standard ordering
unit(pcs)
Blank
L
Specify "J" for jumper also.
Packaging / Processing specifications
Resistance tolerance
special part number
Nominal resistance
Part No.
3-digit or 4-digit IEC coding system


Similar Part No. - MCR50JZHFL

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR50JZHFL ROHM-MCR50JZHFL Datasheet
64Kb / 4P
   Thick film rectangular Low resistance series
MCR50JZHFLR100 ROHM-MCR50JZHFLR100 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
More results

Similar Description - MCR50JZHFL

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR01 ROHM-MCR01_1 Datasheet
81Kb / 6P
   Thick film rectangular
MCR10 ROHM-MCR10_1 Datasheet
83Kb / 6P
   Thick film rectangular
MCR18 ROHM-MCR18_1 Datasheet
85Kb / 6P
   Thick film rectangular
MCR006 ROHM-MCR006 Datasheet
62Kb / 5P
   Thick film rectangular
MCR10 ROHM-MCR10 Datasheet
98Kb / 5P
   Thick film rectangular
MCR01 ROHM-MCR01 Datasheet
93Kb / 6P
   Thick film rectangular
MCR18EZHJ000 ROHM-MCR18EZHJ000 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHF5102 ROHM-MCR10EZHF5102 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHJ115 ROHM-MCR18EZHJ115 Datasheet
108Kb / 6P
   Thick film rectangular
MCR10EZHJ680 ROHM-MCR10EZHJ680 Datasheet
102Kb / 5P
   Thick film rectangular
MCR18EZHF1501 ROHM-MCR18EZHF1501 Datasheet
108Kb / 6P
   Thick film rectangular
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com