Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DOT050F-012M Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # DOT050F-012M
Description  Precision TCXO / VCTCXO Models DOT050F / DOT050V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

DOT050F-012M Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  DOT050F-012M Datasheet HTML 1Page - Connor-Winfield Corporation DOT050F-012M Datasheet HTML 2Page - Connor-Winfield Corporation DOT050F-012M Datasheet HTML 3Page - Connor-Winfield Corporation DOT050F-012M Datasheet HTML 4Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications subject to change without notification. See Connor-Winfield's website for latest revision. All dimensions in inches.
© Copyright 2014 The Connor-Winfield Corporation Not intended for life support applications.
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
Suggested Pad Layout
1:
TCXO = N/C, VCTCXO =Vc
2:
Do Not Connect
3:
Ground
4:
Output
5:
Do Not Connect
6:
Supply Voltage (Vcc)
Pad Connections
Package Layout
E
1344
DOT050F
12.8MHZ
L
e
b
Top View
Side View
Bottom View
DNC = Do Not Connect
A
D
A1
Pin 1
Index
Marking
C
L
C
L
Side View
Pin 1 ID
mm
inches
Symbol
Min
Nom.
Max.
Min
Nom.
Max.
A
6.60
6.73
6.86
0.260
0.265
0.270
D
8.89
9.02
9.15
0.350
0.355
0.360
E
13.34
13.47
13.60
0.545
0.550
0.555
A1
-
1.58
-
-
0.062
-
L
-
1.52
-
-
0.060
-
b
-
1.02
-
-
0.040
-
e
-
2.54
-
-
0.100
-
Keep Out Area Note: Do not route any traces
under the device in the keep out area.
Keep Out Area
0.085
(2.03mm)
0.290
(7.37mm)
Top
View
0.100
(2.54mm)
1
2
3
4
5
6
0.060
(1.52mm)
Phase Noise Plot
Output Waveform
1V/Div
Test Circuit
TCXO = N/C
VCTCXO = Vc
DNC
2
DNC
15 pF
0.01uF
10uF
to
100 uF
DNC = Do Not Connect
Output
Bulletin
TX395
Page
3 of 4
Revision
03
Date
29 Sept 2014


Similar Part No. - DOT050F-012M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
DOT050F-DOT050V CONNOR-WINFIELD-DOT050F-DOT050V Datasheet
464Kb / 4P
   LVCMOS Output Logic
More results

Similar Description - DOT050F-012M

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
TA5C-020.0M CONNOR-WINFIELD-TA5C-020.0M Datasheet
192Kb / 4P
   High Precision TCXO / VCTCXO
TFLD5C-010.0M CONNOR-WINFIELD-TFLD5C-010.0M Datasheet
198Kb / 4P
   High Precision TCXO / VCTCXO
M100V-010M CONNOR-WINFIELD-M100V-010M Datasheet
457Kb / 4P
   High Precision TCXO / VCTCXO Oscillators
T100F-020M CONNOR-WINFIELD-T100F-020M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
C31020.0M CONNOR-WINFIELD-C31020.0M Datasheet
90Kb / 2P
   Ultra-Miniature Precision TCXO / VCTCXO
T100F-010M CONNOR-WINFIELD-T100F-010M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
T200F-040M CONNOR-WINFIELD-T200F-040M Datasheet
502Kb / 6P
   High Precision TCXO / VCTCXO Oscillators
M602-012.8M CONNOR-WINFIELD-M602-012.8M Datasheet
186Kb / 4P
   Precision Sub-Miniature 5.0x3.2mm TCXO / VCTCXO
M77F-010.0M CONNOR-WINFIELD-M77F-010.0M Datasheet
170Kb / 4P
   Precision Sub-Miniature 3.2x5.0mm TCXO / VCTCXO
logo
Fox Electronics
T3HN FOX-T3HN Datasheet
187Kb / 2P
   3.2x2.5mm HCMOS TCXO/VCTCXO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com