Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-LM61 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LM61
Description  High brightness material
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LM61 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LM61 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LM61 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Electrical / Optical Characteristics (TA= 25°C)
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Forward Voltage
Red
Green
Blue
VF
2.0
2.80
2.80
2.3
3.3
3.2
2.6[1]
3.8
3.8
V
IF = 20 mA
Reverse Voltage
Red
Green & blue
VR
5
5
V
IR = 100 mA
IR = 10 mA
Dominant Wavelength [2]
Red
Green
Blue
lD
622
520
460
630
525
470
634
540
480
nm
IF = 20 mA
Peak Wavelength
Red
Green
Blue
lPEAK
639
516
464
nm
Peak of Wavelength of Spectral Distribution at IF = 20
mA
Spectral Half width
Red
Green
Blue
Dl1/2
17
32
23
nm
Wavelength Width at Spectral Distribution ½ Power
Point at ,IF = 20 mA
Thermal Resistance [3]
RqJ-PIN
240
°C/W
LED Junction-to-pin
Luminous Efficacy [4]
Red
Green
Blue
hV
155
520
75
lm/W Emitted Luminous Power/Emitted Radiant Power
Luminous Flux
Red
Red
Green
Green
Blue
Blue
jV
1300
3000
600
mlm
IF = 20 mA
Luminous Efficiency [5]
Red
Red
Green
Green
Blue
Blue
he
30
50
10
lm/W Luminous Flux/Electrical Power
IF = 20 mA
Notes:
1. For option –xxTxx, the VF maximum is 2.6V, refer to Vf bin table
2. The dominant wavelength is derived from the chromaticity Diagram and represents the color of the lamp
3. For AlInGaP Red, thermal resistance applied to LED junction to cathode lead. For InGaN blue and Green, thermal resistance applied to LED
junction to anode lead.
4. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = IV/hV where IV is the luminous intensity in candelas and hV
is the luminous efficacy in lumens/watt.
5. he = jV / IF x VF , where jV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.
6. Forward voltage allowable tolerance is ± 0.05V.
Absolute Maximum Ratings (TA = 25°C)
Parameter
Red
Blue and Green
Unit
DC Forward Current [1]
50
30
mA
Peak Forward Current
100[2]
100[3]
mA
Power Dissipation
130
116
mW
Reverse Voltage
5 (IR = 100 mA)
5 (IR = 10 mA)
V
LED Junction Temperature
130
110
°C
Operating Temperature Range
-40 to +100
-40 to +85
°C
Storage Temperature Range
-40 to +100
-40 to +100
°C
Notes:
1. Derate linearly as shown in Figure 2 and Figure 8.
2. Duty Factor 30%, frequency 1KHz.
3. Duty Factor 10%, frequency 1KHz.


Similar Part No. - HLMP-LM61

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LM63 AVAGO-HLMP-LM63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LM65 AVAGO-HLMP-LM65 Datasheet
252Kb / 10P
   Precision Optical Performance Green and Blue New 4mm Standard Oval LEDs
More results

Similar Description - HLMP-LM61

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
ALMD-CM3F AVAGO-ALMD-CM3F Datasheet
589Kb / 11P
   High brightness material
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com