Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S5K3A1EA01 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S5K3A1EA01
Description  (1/3??SXGA CMOS Image Sensor)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5K3A1EA01 Datasheet(HTML) 3 Page - Samsung semiconductor

  S5K3A1EA01 Datasheet HTML 1Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 2Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 3Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 4Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 5Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 6Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 7Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 8Page - Samsung semiconductor S5K3A1EA01 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
1/3 INCH SXGA CMOS IMAGE SENSOR
S5K3A1EA
3
INTRODUCTION
The S5K3A1EA is highly integrated single chip CMOS image sensor, fabricated by SAMSUNG
0.18um CMOS image sensor process technology. It is developed for image application to realize high
efficiency photo sensor. The sensor has 1280 x 1024 effective pixels with 1/3 inch optical format. The
sensor has on-chip 10-bit ADC blocks to digitize the pixel output and also on-chip CDS to reduce Fixed
Pattern Noise (FPN) drastically. With its few interface signals and 10-bit raw data directly connected to
the external devices, a camera system can be configured easily.
FEATURES
— Process Technology: 0.18
µm Dual Gate Oxide SPQM CMOS
— Optical Size: 1/3 inch
— Unit Pixel: 3.8
µm X 3.8 µm
— Effective Resolution: 1280X1024, SXGA
— Line Progressive Read Out.
— 10-bit Raw Image Data Output
— Windowing and Panning
— Sub-Sampling (2X, 4X, 8X)
— Timing Generator for Frame Memoryless Scaler
— Timing Generator for Stepless Zooming
— Continuous and Single Frame Capture Mode
— Programmable Exposure Time and Gain Control
— Auto Dark Level Compensation
— Standby Mode for Power Saving
— Maximum 15 Frames per Second for Full Frame Readout with 24 MHz Output Data Rate
— Bad Pixel Replacement
— Dual Power Supply Voltage: 2.8V/1.8V (2.8V for analog, 1.8V for digital)
— Package Type: 48-CLCC/PLCC
PRODUCTS
Product Code
Power Supply
Backend Process
Description
S5K3A1EA01
2.8V / 1.8 V
None
Monochrome image sensor
S5K3A1EA02
2.8V / 1.8 V
On-chip micro lens
High sensitivity monochrome
Image sensor
S5K3A1EA03
2.8V / 1.8 V
On-chip color filter
and micro lens
RGB color image sensor
S5K3A1EA13
2.8V / 1.8 V
On-chip color filter
and micro lens
RGB color image sensor


Similar Part No. - S5K3A1EA01

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5K MCC-S5K Datasheet
345Kb / 3P
   5 Amp Silicon Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
S5K ETC1-S5K Datasheet
793Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotec Semiconductor
S5K DIOTEC-S5K Datasheet
151Kb / 2P
   Standard Recovery SMD Rectifier Diodes
logo
Semikron International
S5K SEMIKRON-S5K Datasheet
113Kb / 2P
   Standard silicon rectifier diodes
logo
Vishay Siliconix
S5K VISHAY-S5K Datasheet
95Kb / 4P
   Surface Mount Glass Passivated Rectifier
Revision: 19-Aug-13
More results

Similar Description - S5K3A1EA01

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9638 NSC-LM9638 Datasheet
200Kb / 2P
   Monochrome CMOS Image Sensor SXGA 18 FPS
logo
Pixart Imaging Inc.
PAS005B PIXART-PAS005B Datasheet
1Mb / 41P
   SXGA Color/Mono Digital CMOS Image Sensor
logo
National Semiconductor ...
LM9648 NSC-LM9648 Datasheet
186Kb / 2P
   LM9648 Color CMOS Image Sensor SXGA 18 FPS
logo
ON Semiconductor
AR0330CM ONSEMI-AR0330CM Datasheet
501Kb / 53P
   1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
   1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
   1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
   1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
   1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
   1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
AR1335 ONSEMI-AR1335 Datasheet
354Kb / 2P
   CMOS Image Sensor, 13 MP, 1/3
9/1/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com