Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFCT-5911ATLZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFCT-5911ATLZ
Description  Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFCT-5911ATLZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFCT-5911ATLZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFCT-5911ATLZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Pin Descriptions:
Pin 1 Receiver Signal Ground V
EE RX:
Directly connect this pin to the receiver ground plane.
Pin 2 Receiver Power Supply V
CC RX:
Provide +3.3 V dc via the recommended dc receiver
power supply filter circuit. Locate the power supply
filter circuit as close as possible to the V
CC RX pin. Note:
the filter circuit should not cause V
CC to drop below
minimum specification.
Pin 3 Signal Detect SD:
Normal optical input levels to the receiver result in a
logic “1” output.
Low optical input levels to the receiver result in a logic
“0” output.
This Signal Detect output can be used to drive a LVTTL
input on an upstream circuit, such as Signal Detect in-
put or Loss of Signal-bar.
Pin 4 Receiver Data Out Bar RD-:
Output internally biased and ac coupled.
Pin 5 Receiver Data Out RD+:
Output internally biased and ac coupled.
Pin 6 Transmitter Power Supply V
CC TX:
Provide +3.3 V dc via the recommended dc transmitter
power supply filter circuit. Locate the power supply fil-
ter circuit as close as possible to the V
CC TX pin.
Pin 7 Transmitter Signal Ground V
EE TX:
Directly connect this pin to the transmitter signal
ground plane.
Pin 8 Transmitter Disable T
DIS:
Optional feature, connect this pin to +3.3 V TTL logic
high “1” to disable module. To enable module connect to
TTL logic low “0”.
Pin 9 Transmitter Data In TD+:
Input internally terminated and ac coupled.
Pin 10 Transmitter Data In Bar TD-:
Input internally terminated and ac coupled.
Mounting Studs/Solder Posts
The two mounting studs are provided for transceiver
mechanical attachment to the circuit board. It is rec-
ommended that the holes in the circuit board be con-
nected to chassis ground.
Package Grounding Tabs
Connect four package grounding tabs to signal ground.
Connection Diagram
Figure 5. Pin Out Diagram (Top View)
TRANSMITTER DATA IN BAR
TRANSMITTER DATA IN
TRANSMITTER DISABLE
TRANSMITTER SIGNAL GROUND
TRANSMITTER POWER SUPPLY
RX
TX
o
o
o
o
o
1
2
3
4
5
o
o
o
o
o
10
9
8
7
6
RECEIVER SIGNAL GROUND
RECEIVER POWER SUPPLY
SIGNAL DETECT
RECEIVER DATA OUT BAR
RECEIVER DATA OUT
Top
View
Mounting Studs/
Solder Posts
Package
Grounding Tabs


Similar Part No. - HFCT-5911ATLZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFCT-5912E HP-HFCT-5912E Datasheet
334Kb / 16P
   Small Form Factor MT-RJ Fiber Optic Transceivers for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5914ATLZ AVAGO-HFCT-5914ATLZ Datasheet
366Kb / 18P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
logo
Agilent(Hewlett-Packard...
HFCT-5915E HP-HFCT-5915E Datasheet
350Kb / 8P
   Report for MT-RJ Duplex Single Mode Transceiver
More results

Similar Description - HFCT-5911ATLZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFCT-5914ATLZ AVAGO-HFCT-5914ATLZ Datasheet
366Kb / 18P
   Single Mode Laser Transceivers for Gigabit Ethernet and iSCSI
logo
Broadcom Corporation.
AFCT-5701XXZ BOARDCOM-AFCT-5701XXZ Datasheet
70Kb / 2P
   Single-Mode SFP Optical Transceivers with Optional DMI for Gigabit Ethernet and Fibre Channel
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
AFCT-5971LZALZ AVAGO-AFCT-5971LZALZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
AFCT-5971LZ AVAGO-AFCT-5971LZ Datasheet
706Kb / 15P
   Single Mode Laser Small Form Factor Fast Ethernet Transceivers
logo
OPLINK Communications I...
DTR-1250-SM-LC OPLINK-DTR-1250-SM-LC Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
DTR-1250-SM-LC-CWDM OPLINK-DTR-1250-SM-LC-CWDM Datasheet
698Kb / 5P
   3.3V LC connector SFF Gigabit Ethernet CWDM Laser Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710LZ AVAGO-AFBR-5710LZ_15 Datasheet
508Kb / 20P
   Transceivers with Optional DMI for Gigabit Ethernet
HFCT-53D5EMZ AVAGO-HFCT-53D5EMZ Datasheet
140Kb / 14P
   1300 nm FP Laser 1 x 9 Fiber Optic Transceivers for Gigabit Ethernet
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
   INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com