Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-W347 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-W347
Description  1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-W347 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-W347 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-W347 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
45
50
55
60
65
70
75
15
18
21
24
27
30
VCC - SUPPLY VOLTAGE - V
IF = 9 mA
TA = 25 °C
Rg = 15 Ω, Cg = 10 nF
DUTY CYCLE = 50%
f = 20kHz
TPLH
TPHL
45
50
55
60
65
70
75
7
7.5
8
8.5
9
9.5
10
10.5
11
IF - FORWARD LED CURRENT - mA
VCC = 15 V, VEE = 0 V
TA = 25 °C
Rg = 15 Ω, Cg = 10 nF
DUTY CYCLE = 50%
f = 20kHz
TPLH
TPHL
40
45
50
55
60
65
70
-40
-20
0
20
40
60
80
100
TA - TEMPERATURE - °C
IF = 9 mA
VCC = 15 V, VEE = 0 V
Rg = 15 Ω, Cg = 10 nF
DUTY CYCLE = 50%
f = 20kHz
TPLH
TPHL
45
50
55
60
65
70
75
3
6
9
12
15
18
Rg - SERIES LOAD RESISTANCE - Ω
TPLH
TPHL
IF = 9 mA, TA = 25 °C
VCC = 15 V, VEE = 0 V
Cg = 10 nF
DUTY CYCLE = 50%
f = 20kHz
45
50
55
60
65
70
75
1
3
5
7
9
11
13
15
17
19
Cg - SERIES LOAD CAPACITANCE - nF
IF = 9 mA, TA = 25 °C
VCC = 15 V, VEE = 0 V
Rg = 15 Ω
DUTY CYCLE = 50%
f = 20kHz
TPLH
TPHL
0.1
1
10
100
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
VF - FORWARD VOLTAGE - V
Figure 7. Propagation delay vs. VCC
Figure 8. Propagation delay vs. IF
Figure 9. Propagation delay vs. temperature
Figure 10. Propagation delay vs. Rg
Figure 11. Propagation delay vs. Cg
Figure 12. Input Current vs. forward voltage


Similar Part No. - ACPL-W347

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W340-000E AVAGO-ACPL-W340-000E Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W340-060E AVAGO-ACPL-W340-060E Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W340-500E AVAGO-ACPL-W340-500E Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W340-560E AVAGO-ACPL-W340-560E Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-W341 AVAGO-ACPL-W341 Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail
More results

Similar Description - ACPL-W347

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
   1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P345 AVAGO-ACPL-P345 Datasheet
331Kb / 15P
   1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
   4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-350J BOARDCOM-ACPL-350J Datasheet
774Kb / 22P
   3.0 Amp Output Current IGBT and SiC/GaN MOSFET Gate Drive Optocoupler with Overcurrent Sensing and FAULT Signal
October 22, 2019
ACPL-H312 BOARDCOM-ACPL-H312 Datasheet
1Mb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Low ICC and UVLO in Stretched SO8
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
   2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com