Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-P345 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-P345
Description  1.0 Amp Output Current Power & SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-P345 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-P345 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-P345 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
Table 5. Electrical Specifications (DC)
All typical values are at TA = 25 °C, VCC - VEE = 10 V, VEE = Ground. All minimum and maximum specifications are at recom-
mended operating conditions (TA = -40 to 105 °C, IF(ON) = 7 to 11 mA, VF(OFF) = -3.6 to 0.8 V, VEE = Ground, VCC = 10 to 20
V), unless otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
High Level Peak Output Current
IOH
-0.8
A
VCC – VO = 10 V
5
Low Level Peak Output Current
IOL
0.8
A
VO - VEE = 10 V
5
High Level Output Voltage
VOH
Vcc-0.3
Vcc – 0.2
V
IO = -100 mA,
IF = 9 mA
2, 4
6, 7
High Level Output Voltage
VOH
Vcc
V
IO = 0 mA,
IF = 9 mA
1
Low Level Output Voltage
VOL
0.1
0.25
V
IO = 100 mA
3
High Level Supply Current
ICCH
2.6
4.0
mA
IF = 9 mA
4, 5
Low Level Supply Current
ICCL
2.6
4.0
mA
VF = 0V
Threshold Input Current
Low to High
IFLH
0.5
1.5
4.0
mA
VO > 5 V
6, 7
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.55
1.95
V
IF = 9 mA
13
Temperature Coefficient
of Input Forward Voltage
ΔVF/ΔTA
-1.7
mV/°C
Input Reverse Breakdown
Voltage
BVR
5
V
IR = 100 mA
Input Capacitance
CIN
70
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+
8.1
8.6
9.1
V
VO > 5 V, IF = 9 mA
VUVLO-
7.1
7.6
8.1
UVLO Hysteresis
UVLOHYS
0.5
1.0
V


Similar Part No. - ACPL-P345

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
More results

Similar Description - ACPL-P345

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P340 AVAGO-ACPL-P340 Datasheet
275Kb / 19P
   1.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-P343 BOARDCOM-ACPL-P343 Datasheet
1Mb / 22P
   4.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
ACPL-P341 BOARDCOM-ACPL-P341 Datasheet
781Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W341-500E AVAGO-ACPL-W341-500E Datasheet
276Kb / 19P
   3.0 Amp Output Current IGBT Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO6
logo
Broadcom Corporation.
ACPL-P347 BOARDCOM-ACPL-P347 Datasheet
900Kb / 16P
   1.0-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P347 AVAGO-ACPL-P347 Datasheet
312Kb / 14P
   1.0 Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
logo
Broadcom Corporation.
ACPL-P349 BOARDCOM-ACPL-P349 Datasheet
1Mb / 18P
   2.5-Amp Output Current SiC/GaN MOSFET and IGBT Gate Drive Optocoupler in Stretched SO6
ACPL-P346 BOARDCOM-ACPL-P346 Datasheet
1Mb / 20P
   2.5-Amp Output Current Power, GaN and SiC MOSFET Gate Drive Optocoupler with Rail-to-Rail Output
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K34T AVAGO-ACPL-K34T Datasheet
498Kb / 15P
   Automotive 2.5 A Peak High Output Current MOSFET Gate Drive Optocoupler with Rail-to-Rail Output Voltage in Stretched SO8
ACPL-H342 AVAGO-ACPL-H342 Datasheet
781Kb / 19P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler with Active Miller Clamp, Rail-to-Rail Output Voltage and UVLO in Stretched SO8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com