Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-K49U Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-K49U
Description  High Temperature and Reliability low speed digital interface for Industrial Application.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-K49U Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-K49U Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-K49U Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-3826EN - October 2, 2012
Figure 12. Test Circuit for Transient Immunity and Typical Waveforms (4-Pin Configuration)
8
7
6
5
1
2
3
4
IF
VCC
RL
VO
CL = 15 pF
VFF
+
VCM Pulse Gen.
5 V
VCM
VO
tr
tf
VOL
10%
90%
10%
90%
Tr = tf = 80 ns
Switch at IF = 0 mA
VO
Switch at IF = 4 mA
1500 V
Thermal Resistance Model for ACPL-K49U
The diagram of ACPL-K49U for measurement is shown in
Figure 13. Here, one die is heated first and the tempera-
tures of all the dice are recorded after thermal equilib-
rium is reached. Then, the 2nd die is heated and all the
dice temperatures are recorded. With the known ambient
temperature, the die junction temperature and power
dissipation, the thermal resistance can be calculated. The
thermal resistance calculation can be cast in matrix form.
This yields a 2 by 2 matrix for our case of two heat sources.
R11
R12
X
P1
=
T1
R21
R22
P2
T2
1
2
3
4
8
7
6
5
Die 1:
LED
Die 2:
Detector
Figure 13, Diagram of ACPL-K49U for measurement
R11: Thermal Resistance of Die1 due to heating of Die1
R12: Thermal Resistance of Die1 due to heating of Die2.
R21: Thermal Resistance of Die2 due to heating of Die1.
R22: Thermal Resistance of Die2 due to heating of Die2.
P1: Power dissipation of Die1 (W).
P2: Power dissipation of Die2 (W).
T1: Junction temperature of Die1 due to heat from all dice (°C).
T2: Junction temperature of Die2 due to heat from all dice.
Ta: Ambient temperature.
T1: Temperature difference between Die1 junction and ambient (°C).
T2: Temperature deference between Die2 junction and ambient (°C).
T1 = (R11 x P1 + R12 x P2) + Ta
T2 = (R21 x P1 + R22 x P2) + Ta
Measurement data on a low K board:
R11 = 160°C/W, R12 = R21 = 74°C/W, R22 = 115°C/W


Similar Part No. - ACPL-K49U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K49T AVAGO-ACPL-K49T Datasheet
358Kb / 9P
   High Temperature and Reliability low speed digital interface for Automotive Application.
logo
Broadcom Corporation.
ACPL-K49T BOARDCOM-ACPL-K49T Datasheet
627Kb / 13P
   Wide Operating Temperature Automotive R2Coupler짰 20-kBd Digital Optocoupler Configurable as Low-Power, Low-Leakage Phototransistor
ACPL-K49T-000E BOARDCOM-ACPL-K49T-000E Datasheet
358Kb / 9P
   Wide Operating Temperature Automotive R2CouplerTM 20 kBd Digital Optocoupler Configurable as Low Power, Low Leakage Phototransistor
More results

Similar Description - ACPL-K49U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K49T AVAGO-ACPL-K49T Datasheet
358Kb / 9P
   High Temperature and Reliability low speed digital interface for Automotive Application.
logo
Power System Technology
FAB0401002 PST-FAB0401002 Datasheet
232Kb / 3P
   Vehicule, industrial and high temperature application. Very low profile
logo
TOKO, Inc
HEAW TOKO-HEAW Datasheet
109Kb / 1P
   High reliability for automotive application
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M49U AVAGO-ACPL-M49U Datasheet
141Kb / 10P
   Low Speed Digital Signal isolation Interface
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
   Humidity and Temperature Probe with Digital Interface
03-2023
logo
Murata Manufacturing Co...
CSTNE14M7V53C000R0 MURATA-CSTNE14M7V53C000R0 Datasheet
185Kb / 2P
   High reliability and available for a wide temperature range
logo
E+E Elektronik Ges.m.b....
EE03 EPLUSE-EE03 Datasheet
792Kb / 2P
   Humidity and Temperature Module with Digital Interface
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 46P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com