Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-798J Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-798J
Description  Optically Isolated Sigma-Delta Modulator with LVDS Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-798J Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-798J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-798J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACPL-798J
Optically Isolated Sigma-Delta Modulator with LVDS Interface
Data Sheet
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Description
The ACPL-798J is a 1-bit, second-order sigma-delta (
Σ-∆)
modulator that oversamples an analog input signal into
a highspeed data stream with galvanic isolation based
on optical coupling technology. The ACPL-798J operates
from a 5 V power supply with dynamic range of 82 dB with
an appropriate digital filter. The differential inputs of ±200
mV (full scale ±320 mV) are ideal for direct connection to
shunt resistors or other low-level signal sources in applica-
tions such as motor phase current measurement.
The analog input is continuously sampled by means of
sigma-delta over-sampling using external clock, coupled
across the isolation barrier, which allows synchronous
operation with any digital controller. The signal infor-
mation is contained in the modulator data, as a density
of ones with data rate up to 25 MHz, and the data are
encoded and transmitted across the isolation boundary
where they are recovered and decoded into high-speed
data stream of digital ones and zeros. The original signal
information can be reconstructed with a digital filter. The
ACPL-798J comes with an LVDS interface on both clock
inputs and data outputs for better signal integrity.
Combined with superior optical coupling technology,
the modulator delivers high noise margins and excellent
immunity against isolation-mode transients. With 0.5 mm
minimum distance through insulation (DTI), the ACPL-798J
provides reliable double protection and high working in-
sulation voltage, which is suitable for fail-safe designs.
This outstanding isolation performance is superior to al-
ternatives including devices based on capacitive or mag-
netic-coupling with DTI in micro-meter range. Offered in
an SO-16 package, the isolated ADC delivers the reliability,
small size, superior isolation and over-temperature perfor-
mance motor drive designers need to accurately measure
current at much lower price compared to traditional
current transducers.
Features
• Up to 25 MHz external clock input range
• LVDS clock and data interface.
• 1-bit, second-order sigma-delta modulator
• 16 bits resolution no missing codes (12 bits ENOB)
• 75dB Typical SNDR
• 3.5mV/°C maximum offset drift
• ±1% maximum gain error
• ±200 mV linear range with single 5 V supply
• –40°C to +105°C operating temperature range
• SO-16 package
• 25 kV/ms common-mode transient immunity
• Safety and regulatory approval (pending):
IEC/EN/DIN EN 60747-5-5: 1414 Vpeak working
insulation voltage
UL 1577: 5000 Vrms/1min double protection rating
CSA: Component Acceptance Notice #5
Applications
• Motor phase and rail current sensing
• Power inverter current and voltage sensing
• Industrial process control
• Data acquisition systems
• General purpose current and voltage sensing
• Traditional current transducer replacement
Functional Block Diagram
Figure 1.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
VIN+
SHIELD
VIN–
VREF
LED
DRIVER
CLOCK
DETECTOR
DECODER
LED
DRIVER
MCLKIN+
MDAT-
VDD2
GND2
GND1
VDD1
ACPL-798J
SHIELD
MCLKIN-
MDAT+
Σ−∆
MODULATOR/
ENCODER


Similar Part No. - ACPL-798J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7900 AVAGO-ACPL-7900 Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900 AVAGO-ACPL-7900 Datasheet
198Kb / 15P
   Precision Isolation Amplifiers
ACPL-7900-000E AVAGO-ACPL-7900-000E Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
ACPL-7900-500E AVAGO-ACPL-7900-500E Datasheet
1Mb / 15P
   Precision Isolation Amplifiers
ACPL-790A AVAGO-ACPL-790A Datasheet
187Kb / 14P
   Precision Isolation Amplifiers
More results

Similar Description - ACPL-798J

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
logo
Broadcom Corporation.
ACPL-C740 BOARDCOM-ACPL-C740 Datasheet
1Mb / 19P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com