Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-785J Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-785J
Description  Isolation Amplifier with Short Circuit and Overload Detection
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-785J Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-785J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-785J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
Figure 2. Dependence of safety-limiting values on temperature.
IEC/EN/DIN EN 60747-5-5 Insulation Characteristics*
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 300 V
rms
for rated mains voltage ≤ 600 V
rms
for rated mains voltage ≤ 1000 V
rms
I-IV
I-IV
I-III
Climatic Classification
55/85/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
V
IORM
1414
V
PEAK
Input to Output Test Voltage, Method b**
V
IORM x 1.875 = VPR, 100% Production Test with
t
m = 1 sec, Partial discharge < 5 pC
V
PR
2652
V
PEAK
Input to Output Test Voltage, Method a**
V
IORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
Partial discharge < 5 pC
V
PR
2262
V
PEAK
Highest Allowable Overvoltage (Transient Overvoltage t
ini = 60 sec)
V
IOTM
8000
V
PEAK
Safety-limiting values — maximum values allowed in the
event of a failure, also see Figure 2.
Case Temperature
Input Power
Output Power
T
S
P
S1, INPUT
P
S1, OUTPUT
175
400
600
°C
mW
mW
Insulation Resistance at T
SI, VIO = 500 V
R
S
>109
Ω
* Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits within the
application. Surface Mount Classification is class A in accordance with CECC00802.
** Refer to IEC/EN/DIN EN 60747-5-5 Optoisolator Safety Standard section of the Avago Regulatory Guide to Isolation Circuits, AV02-2041EN for a
detailed description of Method a and Method b partial discharge test profiles.
0
0
TS – CASE TEMPERATURE – °C
200
25
800
50
75
100
200
150
175
125
400
600
Psi – OUTPUT
Psi – INPUT
Recommended Pb-Free IR Profile
Recommended reflow condition as per JEDEC Standard, J-STD-020 (latest revision). Non-Halide Flux should be used.
Regulatory Information
The ACPL-785J has been approved by the following organizations:
IEC/EN/DIN EN 60747-5-5 Approval under: DIN EN 60747-5-5 (VDE 0884-5):2011-11 EN 60747-5-5:2011
UL
Approval under UL 1577, component recognition program up to V
ISO = 5000 VRMS. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5, File CA 88324.


Similar Part No. - ACPL-785J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-785E AVAGO-ACPL-785E Datasheet
120Kb / 16P
   Hermetically Sealed Analog Isolation Amplifi er
logo
Broadcom Corporation.
ACPL-785E BOARDCOM-ACPL-785E Datasheet
1Mb / 16P
   Hermetically Sealed Analog Isolation Amplifier
More results

Similar Description - ACPL-785J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL788J HP-HCPL788J Datasheet
258Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-788J-000E AVAGO-HCPL-788J-000E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J-500E AVAGO-HCPL-788J-500E Datasheet
552Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection
HCPL-788J AVAGO-HCPL-788J Datasheet
231Kb / 20P
   Isolation Amplifier with Short Circuit and Overload Detection SO-16 Package
logo
Artesyn Technologies
DCH5 ARTESYN-DCH5 Datasheet
1Mb / 4P
   Overload and short circuit protection
logo
Laird Tech Smart Techno...
POE-55IG-ATI LSTD-POE-55IG-ATI Datasheet
443Kb / 2P
   Overload and short-circuit protection
POE-XXS-AFI LSTD-POE-XXS-AFI Datasheet
313Kb / 2P
   Overload and short circuit protection
POE-XXI LSTD-POE-XXI Datasheet
738Kb / 2P
   Overload and short circuit protection
POE-55I4SG-AFI LSTD-POE-55I4SG-AFI Datasheet
789Kb / 2P
   Overload and short circuit protection
logo
PHOENIX CONTACT
2980539 PHOENIX-2980539 Datasheet
98Kb / 7P
   Short-circuit, surge, and overload-proof output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com