Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-772L Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-772L
Description  3.3V/5V High Speed CMOS Optocoupler
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-772L Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-772L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-772L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Regulatory Information
Both ACPL-072L and ACPL-772L are approved by the following organizations:
Solder Reflow Temperature Profile
Note: Non-halide flux should be used
Recommended Pb-Free IR Profile
Note: Non-halide flux should be used
217 ˚C
RAMP-DOWN
6 ˚C/SEC. MAX.
RAMP-UP
3 ˚C/SEC. MAX.
150 - 200 ˚C
260 +0/-5 ˚C
t 25 ˚C to PEAK
60 to 150 SEC.
20-40 SEC.
TIMEWITHIN 5 ˚C of ACTUAL
PEAKTEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
T L
T smax
T smin
25
T p
TIME
NO TES:
THE TIME FROM 25 ˚C to PEAK TEMPERATURE = 8 MINUTES MAX.
T smax = 200 ˚C, Tsmin = 150 ˚C
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160 ˚C
140 ˚C
150 ˚C
PEAK
TEMP.
245 ˚C
PEAK
TEMP.
240 ˚C
PEAK
TEMP.
230˚C
SOLDERING
TIME
200˚C
PREHEATING TIME
150 ˚C, 90 + 30 SEC.
2.5˚ C ± 0.5˚C/SEC.
3˚C + 1 ˚C/- 0.5 ˚C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3˚C + 1 ˚C/- 0.5 ˚C/SEC.
REFLOW HEATING RATE 2.5˚C ± 0.5 ˚C/SEC.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01.
(option 060 only)
UL
Approved under UL 1577, component recognition
program up, File E55361.
CSA
Approved under CSA Component Acceptance Notice #5,
File CA 88324.


Similar Part No. - ACPL-772L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-772L BOARDCOM-ACPL-772L Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-772L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-072L-560E AVAGO-ACPL-072L-560E Datasheet
313Kb / 11P
   3.3V/5V High Speed CMOS Optocoupler
ACPL-072L-000E AVAGO-ACPL-072L-000E Datasheet
397Kb / 11P
   ACPL-772L and ACPL-072L 3.3V/5V High Speed CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-077L BOARDCOM-ACPL-077L Datasheet
649Kb / 10P
   Low-Power 3.3V/5V High-Speed CMOS Optocoupler Design for System-Level Reliability
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0708-560E AVAGO-HCPL-0708-560E Datasheet
179Kb / 12P
   High Speed CMOS Optocoupler
logo
Sensitron
SHD-4134-XXX SENSITRON-SHD-4134-XXX Datasheet
85Kb / 4P
   High Speed CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0738-500E AVAGO-HCPL-0738-500E Datasheet
217Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738-000E AVAGO-HCPL-0738-000E Datasheet
167Kb / 8P
   High Speed CMOS Optocoupler
HCPL-0738 AVAGO-HCPL-0738 Datasheet
192Kb / 2P
   High Speed CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL0708 HP-HCPL0708 Datasheet
264Kb / 10P
   High Speed CMOS Optocoupler
HCPL0738 HP-HCPL0738 Datasheet
207Kb / 8P
   High Speed CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com