Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-800J Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-800J
Description  Under-Voltage Detection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-800J Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-800J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-800J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
Typical Performance Plots (Cont.)
Unless otherwise noted, all typical plots are at T
A = 25°C, VCC1 = 5 V, VCC2 = 5 V, sinusoidal waveform input, signal
frequency f = 132 kHz, I
Tx-in = 250 µAPP, and Rref = 24 k.
ITx-in – Tx INPUT CURRENT – µAPP
0
50
100
150
200
250
0
1
2
3
4
ITx-in – Tx INPUT CURRENT – µAPP
0
50
100
150
200
250
0
1
2
3
4
10 k
100 k
1 M
10 M
f – FREQUENCY – Hz
0
0.2
0.4
0.6
0.8
1
1.2
ITx-in = 65 µAPP
10 k
100 k
1 M
10 M
f – FREQUENCY – Hz
0
0.2
0.4
0.6
0.8
1
1.2
ITx-in = 65 µAPP
HD2
HD3
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
HD2
HD3
HD2
HD3
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
0.99
0.995
1
1.005
1.01
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
0.99
0.995
1
1.005
1.01
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
-80
-75
-70
-65
-60
-55
-50
-45
-40
-85
-90
VTx-out = 3.6 VPP
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
HD2
HD3
-80
-75
-70
-65
-60
-55
-50
-45
-40
-85
-90
VTx-out = 3.6 VPP
-50
-25
0
25
50
75
100
TA – AMBIENT TEMPERATURE – °C
HD2
HD3
HD2
HD3
Figure 7. Normalized Tx-PD-out output voltage vs. temperature
Figure 8. Tx-PD-out output voltage vs. Tx-in input current
Figure 9. Normalized Tx-PD-out output voltage vs. frequency
Figure 10. Tx-PD-out harmonic distortion vs. temperature
Figure 11. Normalized line driver gain vs. temperature
Figure 12. Line driver harmonic distortion vs. temperature


Similar Part No. - HCPL-800J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-8100 HP-HCPL-8100 Datasheet
266Kb / 11P
   High Current Line Driver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-8100 AVAGO-HCPL-8100 Datasheet
473Kb / 10P
   High Current Line Driver
logo
Agilent(Hewlett-Packard...
HCPL-810J HP-HCPL-810J Datasheet
320Kb / 16P
   PLC Powerline DAA IC
HCPL-814 HP-HCPL-814 Datasheet
85Kb / 6P
   AC Input Phototransistor Optocoupler High Density Mounting Type
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-814 AVAGO-HCPL-814 Datasheet
216Kb / 7P
   AC Input Phototransistor Optocoupler High Density Mounting Type
More results

Similar Description - HCPL-800J

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
logo
Asahi Kasei Microsystem...
AP1163 AKM-AP1163 Datasheet
788Kb / 16P
   1000mA LDO Regulator with Over/Under Voltage Detection Function
AP1161 AKM-AP1161 Datasheet
835Kb / 16P
   300mA LDO Regulator with Over/Under Voltage Detection Function
logo
Megawin Technology Co.,...
MG39304AS1 MEGAWIN-MG39304AS1 Datasheet
264Kb / 18P
   Under Voltage Protection
logo
Minmax Technology Co., ...
MTQZ75 MINMAX-MTQZ75 Datasheet
784Kb / 7P
   under-voltage shutdown
logo
Texas Instruments
PT5540 TI1-PT5540_14 Datasheet
199Kb / 9P
[Old version datasheet]   Under-Voltage Lockout
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com