Electronic Components Datasheet Search |
|
ACPL-P484 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
ACPL-P484 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
2 / 12 page 2 Ordering Information ACPL-M484/P484/W484 is UL recognized with 3750/3750/5000 Vrms/1 minute rating per UL 1577. Part number Option Package Surface Mount Tape & Reel IEC/EN/DIN EN 60747-5-5 Quantity RoHS Compliant ACPL-M484 -000E SO-5 X 100 per tube -500E X X 1500 per reel -060E X X 100 per tube -560E X X X 1500 per reel ACPL-P484 ACPL-W484 -000E Stretched SO-6 X 100 per tube -500E X X 1000 per reel -060E X X 100 per tube -560E X X X 1000 per reel To order, choose a part number from the part number column and combine with the desired option from the option column to form an order entry. Example 1: ACPL-P484-560E to order product of Stretched SO-6 Surface Mount package in Tape and Reel packaging with IEC/EN/ DIN EN 60747-5-5 Safety Approval in RoHS compliant. Example 2: ACPL-P484-000E to order product of Stretched SO-6 Surface Mount package in Tube packaging and RoHS compliant. Example 3: ACPL-M484-000E to order product of SO-5 Surface Mount package in Tube packaging and RoHS compliant. Option datasheets are available. Contact your Avago sales representative or authorized distributor for information. |
Similar Part No. - ACPL-P484 |
|
Similar Description - ACPL-P484 |