Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M72U Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M72U
Description  Industrial CANBus communications interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M72U Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-M72U Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-M72U Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
1
3
6
4
5
Rin=700
Vdd=5 V
CL=15pF
ACPL-M72U
GND1
INPUT
MONITORING
NODE
PULSE GEN.
0
VO
tPHL
tPLH
80% Vdd
Vdd
VOL
Vin
2
Vin
2
0.8 V
Vin
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
+
1
3
6
4
5
R1=350
Vdd=5 V
R2=350
High Voltage Pulse
VCM = 1000V
CL=15pF
ACPL-M72U
GND2
0.1 μF
Bypass Cap
OUTPUT Vo
MONITORING
NODE
SHIELD
+
1
3
6
4
5
R1=350
Vdd=5 V
R2=350
High Voltage Pulse
VCM = 1000V
CL=15pF
ACPL-M72U
Vin =
4.5 - 5.5V
Figure 15. Low Power Mode High CMR, CMH Test Circuit
Figure 16. Low Power Mode High CMR, CML Test Circuit
ACPL-M72U Low Power Mode:
Figure 14. Low Power Mode Switching Test Circuit and Typical Waveform


Similar Part No. - ACPL-M72U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M72T AVAGO-ACPL-M72T Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
ACPL-M72T-000E AVAGO-ACPL-M72T-000E Datasheet
119Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler??Isolation and AEC-Q100 Grade 1 Qualifi cation
logo
Broadcom Corporation.
ACPL-M72T-000E BOARDCOM-ACPL-M72T-000E Datasheet
371Kb / 12P
   High Speed, Low Power Digital Optocouplers with R2Coupler Isolation and AEC-Q100 Grade 1 Qualifi cation
More results

Similar Description - ACPL-M72U

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61U-000E AVAGO-ACPL-M61U-000E Datasheet
255Kb / 9P
   CANBus Communications Interface
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
   RS485 & CANBUS communication interface board.
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
   CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
   isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com