Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPL-M61U-000E Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-M61U-000E
Description  CANBus Communications Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-M61U-000E Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-M61U-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-M61U-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACPL-M61U-000E
Wide Operating Temperature 10MBd Digital Optocoupler
with R2Coupler™ Isolation
Data Sheet
Features
• High Temperature and Reliability CANBus communica-
tion interface for Industrial Application.
• Min10kV/µsHighCommon-ModeRejectionatVCM=1000V
• Compact, Auto-Insertable SO5 Packages
• Wide Temperature Range: -40°C ~ 125°C
• High Speed: 10MBd (Typical)
• Low LED Drive Current: 6.5mA (typ)
• Low Propagation Delay: 100ns (max)
• Worldwide Safety Approval:
- UL 1577, 3750 VRMS/1 min.
- CSA File CA88324, Notice #5
Applications
• CANBus Communications Interface
• High Temperature Digital Signal Isolation
• Micro-controller Interface
• Digital isolation for A/D, D/A conversion
Schematic
Description
This small outline wide operating temperature, high
CMR, high speed, logic gate optocoupler is a single
channel device in a five lead miniature footprint.
The ACPL-M61U optically coupled gates combine a
AlGaAs light emitting diode and an integrated high
gain photo detector. The output of the detector IC is
an Open-collector Schottky-clamped transistor. The
internal shield provides a guaranteed minimum common
mode transient immunity specification of 10,000 V/μs at
VCM=1000V.
This optocoupler is suitable for use in industrial high
speed communications logic interfacing with low propa-
gation delays, input/output buffering and is recommend-
ed for use in high operating temperature environment.
This unique design provides maximum AC and DC circuit
isolation while achieving TTL compatibility. The optocou-
pler AC and DC operational parameters are guaranteed
from -40°C to 125°C.
Avago R2Coupler isolation products provide the reinforced
insulation and reliability needed for critical in automotive
and high temperature industrial applications.
Functional Diagram
VCC
GND
1
3
6
5
4
ANODE
CATHODE
VO
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product
The connection of a 0.1 μF bypass capacitor between pins 4 and 6 is
recommended.
SHIELD
6
5
4
1
3
USE OF A 0.1 µF BYPASS CAPACITOR
MUST BE CONNECTED BETWEEN PINS
6 AND 4 (SEE NOTE 1).
IF
ICC
VCC
VO
GND
IO
+
-
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H


Similar Part No. - ACPL-M61U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L AVAGO-ACPL-M61L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACPL-M61L AVAGO-ACPL-M61L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
logo
Broadcom Corporation.
ACPL-M61L BOARDCOM-ACPL-M61L Datasheet
1Mb / 19P
   Low-Power 10-MBd Digital CMOS Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-060E AVAGO-ACPL-M61L-060E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-M61U-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M71U AVAGO-ACPL-M71U Datasheet
103Kb / 11P
   Industrial CANBus communications interface
logo
Green Power Solutions s...
GSCB6-C GPSEMI-GSCB6-C Datasheet
204Kb / 2P
   RS485 & CANBUS communication interface board.
logo
Schneider Electric
HMIYMINCAN1 SCHNEIDER-HMIYMINCAN1 Datasheet
106Kb / 2P
   CANopen/CANBus interface, Harmony iPC, Mini PCIe 2xCanOpen/CanBus for
May 6, 2022
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M51L AVAGO-ACPL-M51L Datasheet
294Kb / 12P
   Communications Interface
logo
Altera Corporation
A8251 ALTERA-A8251 Datasheet
330Kb / 21P
   Programmable Communications Interface
logo
NEC
UPD8251A NEC-UPD8251A Datasheet
1Mb / 18P
   PROGRAMMABLE COMMUNICATIONS INTERFACE
logo
List of Unclassifed Man...
AM8251 ETC-AM8251 Datasheet
438Kb / 7P
   Programmable Communications Interface
logo
Linear Technology
LTC6820 LINER-LTC6820_15 Datasheet
491Kb / 30P
   isoSPI Isolated Communications Interface
logo
Motorola, Inc
MC6850 MOTOROLA-MC6850 Datasheet
1Mb / 12P
   ASYNCHRONOUS COMMUNICATIONS INTERFACE ADAPTER
logo
NXP Semiconductors
SCN2651 PHILIPS-SCN2651 Datasheet
118Kb / 15P
   Programmable communications interface PCI
1994 Apr 27
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com