Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

01K101-K20D3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 01K101-K20D3
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

01K101-K20D3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  01K101-K20D3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 01K101-K20D3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
RPC-1.00
Adaptor
Jack/Jack
01K101-K20D3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Frequency
DC to 110 GHz
Return loss
≥ 20 dB, DC to 20 GHz
≥ 17 dB, 20 GHz to 50 GHz
≥ 15 dB, 50 GHz to 75 GHz
≥ 12 dB, 75 GHz to 110 GHz
Mechanical data
Mating cycles
≥ 500
Maximum torque
0.70 Nm
Recommended torque
0.35 Nm
Gauge
0.00 mm to 0.03 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this standard. The different models, units, and terms used will depend on the VNA type and they will have to
be entered into the VNA. All values are based on typical geometry and plating.
Offset Zo / Impedance / Zo
50
Offset Delay
39.094 ps
Length (electrical) / Offset Length
11.72 mm
Offset Loss
7.90 GΩ/s
Loss
0.0268 dB/ GHz
Environmental data
Operating temperature range
1
+20 °C to +26 °C
Rated temperature range of use
2
0 °C to +50 °C
Storage temperature range
-40 °C to +85 °C
RoHS
compliant
1
Temperature range over which these specification are valid.
2
This range is underneath and above the operating temperature range, within the adaptor is fully functional
and could be used without damage.
Packing
Standard
1 pce in box
Weight
1.5 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
23.03.06
Lars Ramtke
28.03.17
h00
17-0518
Marcel Panicke
28.03.17
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 01K101-K20D3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01K108-K00D3 ROSENBERGER-01K108-K00D3 Datasheet
507Kb / 2P
   ADAPTOR
01K108-S00D3 ROSENBERGER-01K108-S00D3 Datasheet
513Kb / 2P
   Adaptor
More results

Similar Description - 01K101-K20D3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com