Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D4S2UY-400A5-Y Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # D4S2UY-400A5-Y
Description  RIGHT ANGLE PLUG FOR PCB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

D4S2UY-400A5-Y Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  D4S2UY-400A5-Y Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S2UY-400A5-Y Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG D4S2UY-400A5-Y Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
Rosenberger
HSD®
RIGHT ANGLE PLUG
FOR PCB
D4S2UY-400A5-Y
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Gold, 0.15 µm min. (Interface)
Tin, 0.5 µm min. (PCB)
Outer contact (Interface)
Brass
Nickel, 3 µm min.
Outer contact (PCB)
Zinc alloy
Tin, 2 µm min. over Nickel
Dielectric
LCP
Housing
HTN
Spring washer
Spring bronze
Nickel, 2.5 µm min.
Electrical data
Impedance, differential mode
100
 differential signalling, for one pair or quad cable shielded
Frequency
DC to 2.0 GHz
Return loss
 20 dB to 1.0 GHz
 17 dB to 2.0 GHz
Insertion loss
 0.1 dB @ 1.0 GHz
Skew (between signal contacts)
 25 psec. (Can be reduced by layout)
Nearend-Crosstalk
 -30 dB (DC to 1 GHz)
Farend-Crosstalk
 -35 dB (DC to 1 GHz)
Insulation resistance
 1x103 M
Signal contact resistance
 10 m
Outer contact resistance
 7.5 m
Test voltage
250 V rms
Working voltage
100 V rms
Power current
 1.5 A DC
RF-leakage ( shielding effectiveness )
 75 dB up to 1 GHz (IEC 62153-4-7)
 65 dB up to 2 GHz (IEC 62153-4-7)
Mechanical data
Mating cycles
25
Engagement force
30 N
Disengagement force
5 N
Retention force latch
110 N
Coding efficiency
80 N
Environmental data
Temperature range
-40°C to +105°C
Thermal shock
IEC 60068-2-14 Test NA
Temperature and humidity
USCar 2.4 - 5.6.2
Vibration (Random)
IEC 60068-2-64
Mechanical Shock
IEC 60068-2-27
High-Temp. Exposure
IEC 60068-2-2
Soldering profile
acc. to IEC 60068-2-58; Group 3 (250°C/30s)
RoHS
compliant
Packing
Standard
tbd
Weight
8.2 g/pce


Similar Part No. - D4S2UY-400A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40ML5-G ROSENBERGER-D4S2UY-40ML5-G Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40ML5-H ROSENBERGER-D4S2UY-40ML5-H Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40ML5-J ROSENBERGER-D4S2UY-40ML5-J Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40ML5-K ROSENBERGER-D4S2UY-40ML5-K Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results

Similar Description - D4S2UY-400A5-Y

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
D4S2UG-400A5-Y ROSENBERGER-D4S2UG-400A5-Y Datasheet
139Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20L-40MA5-Y ROSENBERGER-D4S20L-40MA5-Y Datasheet
140Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2MB-40MT5-Y ROSENBERGER-59S2MB-40MT5-Y Datasheet
340Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S22B-40MT5-Y ROSENBERGER-59S22B-40MT5-Y Datasheet
624Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S24D-400A5-Y ROSENBERGER-D4S24D-400A5-Y Datasheet
290Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20Y-400A5-Y ROSENBERGER-D4S20Y-400A5-Y Datasheet
163Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S2UY-40MA5-Y ROSENBERGER-D4S2UY-40MA5-Y Datasheet
162Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
D4S20G-400A5-Y ROSENBERGER-D4S20G-400A5-Y Datasheet
783Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2PL-40MT5-Y ROSENBERGER-59S2PL-40MT5-Y Datasheet
964Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
59S2LL-40MT5-Y ROSENBERGER-59S2LL-40MT5-Y Datasheet
944Kb / 3P
   RIGHT ANGLE PLUG FOR PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com