Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNV4506 Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACNV4506
Description  Short Maximum Propagation Delays
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACNV4506 Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACNV4506 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACNV4506 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Applications Information
LED Drive Circuit Considerations For Ultra High CMR
Performance
Without a detector shield, the dominant cause of op-
tocoupler CMR failure is capacitive coupling from the
input side of the optocoupler, through the package, to
the detector IC as shown in Figure 15. The ACNV4506
improve CMR performance by using a detector IC with
an optically transparent Faraday shield, which diverts the
capacitively coupled current away from the sensitive IC
circuitry. However, this shield does not eliminate the ca-
pacitive coupling between the LED and the optocoupler
output pin and output ground as shown in Figure 16.
This capacitive coupling causes perturbations in the LED
current during common mode transients and becomes
the major source of CMR failures for a shielded optocou-
pler. The main design objective of a high CMR LED drive
circuit becomes keeping the LED in the proper state
(on or off) during common mode transients. For example,
the recommended application circuit (Figure 14), can
achieve 30 kV/
µs CMR while minimizing component com-
plexity. Note that a CMOS gate is recommended in Figure
14 to keep the LED off when the gate is in the high state.
Another cause of CMR failure for a shielded optocoupler
is direct coupling to the optocoupler output pins through
CLEDO1 in Figure 16. Many factors influence the effect and
magnitude of the direct coupling including: the position
of the LED current setting resistor and the value of the
capacitor at the optocoupler output (CL).
CMR With The LED On (CMRL)
A high CMR LED drive circuit must keep the LED on during
common mode transients. This is achieved by overdriv-
ing the LED current beyond the input threshold so that it
is not pulled below the threshold during a transient. The
recommended minimum LED current of 10 mA provides
adequate margin over the maximum ITH of 5.0 mA (see
Figure 1) to achieve 30 kV/
µs CMR.
The placement of the LED current setting resistor effects
the ability of the drive circuit to keep the LED on during
transients and interacts with the direct coupling to the
optocoupler output. For example, the LED resistor in
Figure 17 is connected to the anode. Figure 18 shows the
AC equivalent circuit for Figure 17 during common mode
transients. During a +dVCM/dt in Figure 18, the current
available at the LED anode (Itotal) is limited by the series
resistor. The LED current (IF) is reduced from its DC value
by an amount equal to the current that flows through
CLEDP and CLEDO1. The situation is made worse because
the current through CLEDO1 has the effect of trying to pull
the output high (toward a CMR failure) at the same time
the LED current is being reduced. For this reason, the rec-
ommended LED drive circuit (Figure 14) places the current
setting resistor in series with the LED cathode. Figure 19
Figure 14. Recommended LED Drive Circuit
Figure 15. Optocoupler Input to Output Capacitance Model for Unshielded
Optocouplers
*100 pF TOTAL
CAPACITANCE
310Ω
+5 V
CMOS
0.1µF
+
- VCC = 15V
CL*
VOUT
9
2
8
3
7
4
SHIELD
5
1
6
10
20kΩ
9
2
8
3
7
4
5
1
6
10
CLEDP
CLEDN
9
2
8
3
7
4
5
1
6
10
20kΩ
CLEDP
CLEDN
CLED01
9
2
8
3
7
4
SHIELD
5
1
6
10
20kΩ
Figure 16. Optocoupler Input to Output Capacitance Model for Shielded
Optocouplers
Figure 17. LED Drive Circuit with Resistor Connected to LED Anode
(Not Recommended)
*100 pF TOTAL
CAPACITANCE
310Ω
+5 V
CMOS
0.1µF
+
- VCC = 15V
CL*
VOUT
9
2
8
3
7
4
SHIELD
5
1
6
10
20kΩ
9
2
8
3
7
4
5
1
6
10


Similar Part No. - ACNV4506

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
logo
Broadcom Corporation.
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
   High Insulation Voltage 10-MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
ACNV260E AVAGO-ACNV260E Datasheet
147Kb / 10P
   2mm DTI, 10MBd Digital Optocoupler 13mm creepage and clearance
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
More results

Similar Description - ACNV4506

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
logo
Motorola, Inc
MC74F1803 MOTOROLA-MC74F1803 Datasheet
78Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
MC74F803 MOTOROLA-MC74F803 Datasheet
90Kb / 5P
   CLOCK DRIVER QUAD D-TYPE FLIP-FLOP WITH MATCHED PROPAGATION DELAYS
logo
Integrated Device Techn...
ICS859S0212I IDT-ICS859S0212I Datasheet
668Kb / 23P
   Propagation delay
85356 IDT-85356 Datasheet
611Kb / 15P
   Propagation delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com