Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4548EVB Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA4548EVB
Description  17 - 20 GHz 10 W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548EVB Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA4548EVB Datasheet HTML 1Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 2Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 3Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 4Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 5Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 6Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 7Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 8Page - TriQuint Semiconductor TGA4548EVB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TGA4548
17 - 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. A, November 18, 2016 | Subject to change without notice
1 of 11
www.qorvo.com
®
2.95 x 2.80 x .10 mm Die Size
Key Features
 Frequency Range: 17 – 20 GHz
 Power: 40 dBm Psat
 Small Signal Gain: 27 dB
 Large Signal Gain: 22 dB
 Integrated Power Detector
 PAE: 30% at PIN = 12 dBm
 Bias: VD1 = VD2 = VD3 = +28 V, ID1 + ID2 + ID3 =
300 mA
 Chip Dimensions: 2.95 x 2.80 x 0.10 mm
Performance is typical across frequency.
Please
reference electrical specification table and data plots for
more details.
Product Overview
Qorvo’s TGA4548 is a high frequency, high power MMIC
amplifier fabricated
on Qorvo’s production 0.15um GaN on
SiC process (QGaN15). The TGA4548 operates from 17
20 GHz and typically provides 10 W saturated output power
with power-added efficiency of 30% and large-signal gain
of 22 dB. This combination of high frequency performance
provides the flexibility designers are looking for to improve
system performance while reducing size and cost. The
TGA4548 also has an integrated power detector to support
system diagnostics and other needs.
The TGA4548 is matched to 50Ω with integrated DC
blocking capacitors on both RF I/O ports simplifying system
integration. The frequency coverage and operational
flexibility allows it support satellite communication as well
as point to point data links.
The TGA4548 is 100% DC and RF tested on-wafer to
ensure compliance to electrical specifications.
Lead-free and RoHS compliant.
Evaluation boards are available upon request.
Ordering Information
Part No.
ECCN
Description
TGA4548
3A001.b.2.c
Waffle tray with 25 pcs
TGA4548S2
Sample waffle tray with 2 pcs
TGA4548EVB
Evaluation board
Functional Block Diagram
Applications
 Point-to-Point Radio
 Satellite Communications


Similar Part No. - TGA4548EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548EVB QORVO-TGA4548EVB Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548EVB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com