Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TGA4548 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # TGA4548
Description  17 - 20 GHz 10 W GaN Power Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4548 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button TGA4548 Datasheet HTML 3Page - TriQuint Semiconductor TGA4548 Datasheet HTML 4Page - TriQuint Semiconductor TGA4548 Datasheet HTML 5Page - TriQuint Semiconductor TGA4548 Datasheet HTML 6Page - TriQuint Semiconductor TGA4548 Datasheet HTML 7Page - TriQuint Semiconductor TGA4548 Datasheet HTML 8Page - TriQuint Semiconductor TGA4548 Datasheet HTML 9Page - TriQuint Semiconductor TGA4548 Datasheet HTML 10Page - TriQuint Semiconductor TGA4548 Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TGA4548
17 – 20 GHz 10 W GaN Power Amplifier
Data Sheet Rev. A, November 18, 2016 | Subject to change without notice
7 of 11
www.qorvo.com
®
Thermal and Reliability Information
Parameter
Test Conditions
Value
Units
Thermal Resistance (θJC) (1)
CW
Tbaseplate = +85 °C, VD = +28 V, ID = 300 mA,
POUT
 = 25 dBm,
PDISS
= 8.4 W
3.57
ºC/W
Channel Temperature, TCH (Under RF)
115
°C
Median Lifetime (TM)
5.7 x 1011
Hrs
Th
ermal Resistance (θJC) (1)
CW
Tbaseplate = +85 °C, VD = +28 V, ID = 1700 mA,
POUT
 = 40 dBm,
PDISS
= 37.6 W
4.17
ºC/W
Channel Temperature, TCH (Under RF)
240
°C
Median Lifetime (TM)
2.4 x 106
Hrs
Notes:
1.
Channel operating temperature will directly affect the device median lifetime (Tm). For maximum life, it is recommended that
the channel temperatures be maintained at the lowest possible levels.
Median Lifetime
Test Conditions: VD
 = +28 V; Failure Criteria is 10% reduction in ID_MAX
1E+04
1E+05
1E+06
1E+07
1E+08
1E+09
1E+10
1E+11
1E+12
1E+13
1E+14
1E+15
75
100
125
150
175
200
225
250
275
Channel Temperature, TCH (C)
Median Lifetime vs. TCH
FET16


Similar Part No. - TGA4548

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM-R TRIQUINT-TGA4548-SM-R Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA4548-SM-T TRIQUINT-TGA4548-SM-T Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
More results

Similar Description - TGA4548

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
TGA4548 QORVO-TGA4548 Datasheet
1Mb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA4548-SM TRIQUINT-TGA4548-SM Datasheet
730Kb / 12P
   17 - 20 GHz 10 W GaN Power Amplifier
TGA2625-CP TRIQUINT-TGA2625-CP_15 Datasheet
578Kb / 15P
   10 to 11 GHz, 17 W GaN Power Amplifier
logo
Qorvo, Inc
TGA2624-SM QORVO-TGA2624-SM Datasheet
696Kb / 18P
   9??0 GHz 20 W GaN Power Amplifier
TGA2963-CP QORVO-TGA2963-CP Datasheet
518Kb / 17P
   6 ??18 GHz 20 W GaN Power Amplifier
TGA2963 QORVO-TGA2963 Datasheet
357Kb / 16P
   6??8 GHz 20 W GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2976-SM TRIQUINT-TGA2976-SM Datasheet
794Kb / 18P
   0.1 ??3.0 GHz 10 W GaN Power Amplifier
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com