Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPD1014S2 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # QPD1014S2
Description  GaN RF Input-Matched Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPD1014S2 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  QPD1014S2 Datasheet HTML 1Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 2Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 3Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 4Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 5Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 6Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 7Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 8Page - TriQuint Semiconductor QPD1014S2 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
QPD1014
15W, 50V, 30
– 1200 MHz, GaN RF Input-Matched Transistor
Rev. A
- 2 of 21 -
Disclaimer: Subject to change without notice
© 2016 Qorvo
www.qorvo.com
Absolute Maximum Ratings1
Parameter
Rating
Units
Breakdown Voltage,BVDG
+145
V
Gate Voltage Range, VG
-8 to +2
V
Drain Current, ID
1
A
Gate Current Range, IG
See page 4.
mA
Power Dissipation, CW, PDISS
15.8
W
RF Input Power, CW, 50 Ω, T = 25 °C
+31
dBm
Channel Temperature, TCH
275
°C
Mounting Temperature (30 Seconds)
320
°C
Storage Temperature
−40 to +150
°C
Notes:
1. Operation of this device outside the parameter ranges given above may cause permanent damage.
Recommended Operating Conditions1
Parameter
Min
Typ
Max
Units
Operating Temp. Range
−40
+25
+85
 °C
Drain Voltage Range, VD
+12
+50
+55
V
Drain Bias Current, IDQ
25
mA
Drain Current, ID
500
mA
Gate Voltage, VG2
−2.8
V
Channel Temperature (TCH)
250
°C
Power Dissipation, CW (PD)3
14.4
W
Notes:
1. Electrical performance is measured under conditions noted in the electrical specifications table. Specifications are not guaranteed
over all recommended operating conditions.
2. To be adjusted to desired IDQ.
3. Back plane of package at 85°C.


Similar Part No. - QPD1014S2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1014S2 QORVO-QPD1014S2 Datasheet
2Mb / 21P
   15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
More results

Similar Description - QPD1014S2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
TGF3015-SM TRIQUINT-TGF3015-SM_15 Datasheet
1Mb / 21P
   10W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF2965-SM TRIQUINT-TGF2965-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 0.03 ??3 GHz, GaN RF Input-Matched Transistor
TGF3020-SM TRIQUINT-TGF3020-SM_15 Datasheet
2Mb / 23P
   5W, 32V, 4 ??6 GHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1014 QORVO-QPD1014 Datasheet
2Mb / 21P
   15W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
2016
logo
TriQuint Semiconductor
QPD1004 TRIQUINT-QPD1004 Datasheet
2Mb / 20P
   25W, 50V, 30 ??1200 MHz, GaN RF Input-Matched Transistor
logo
Qorvo, Inc
QPD1025 QORVO-QPD1025 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
April 2022
QPD1025L QORVO-QPD1025L_V01 Datasheet
3Mb / 26P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
March 2022
QPD1025L QORVO-QPD1025L Datasheet
3Mb / 27P
   1800 W, 65 V, 0.96 ??1.215GHz, GaN RF Input-Matched Transistor
TGF2965-SM QORVO-TGF2965-SM Datasheet
1Mb / 21P
   5 W, 32 V, 0.03?? GHz, GaN RF Input-Matched Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com