Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QPC3624SR Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # QPC3624SR
Description  47??000 MHz Digital Step Attenuator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPC3624SR Datasheet(HTML) 1 Page - TriQuint Semiconductor

  QPC3624SR Datasheet HTML 1Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 2Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 3Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 4Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 5Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 6Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 7Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 8Page - TriQuint Semiconductor QPC3624SR Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
QPC3624
75Ω 47−2000 MHz Digital Step Attenuator
Data Sheet Rev.5, 7 Dec, 2016 | Subject to change without notice
- 1 of 19 -
www.qorvo.com
®
24 Pad 4
 x 4 mm QFN Package
Key Features
 6-Bit, 31.5 dB Range, 0.5 dB Step
 Patented Circuit Architecture
 Overshoot-free Transient Switching Performance
 Frequency Range 47 MHz to 2000 MHz
 High Linearity, IIP3 55dBm Typical
 Serial and Parallel Control Interface
 Fast Switching Speed, <250 nsec Typical
 RF Pads Have No DC Voltage, Can be DC Grounded
Externally
 Option to Turn Off Negative Voltage Generator and
Supply VSS Externally
 Power-up Default Setting Is Maximum Attenuation
Product Overview
The QPC3624 is a
75Ω 6-bit digital step attenuator (DSA)
that features high
linearity over the entire 31.5 dB gain
control range in 0.5 dB steps and has a low insertion loss
of 1.2
 dB at 1 GHz. The QPC3624 features three modes of
control:
serial,
latched
parallel,
and
direct
parallel
programming.
Patented
circuit
architecture
provides
overshoot-free
transient
switching
performance.
The
QPC3624 is available in a 24-pad 4mm x 4mm x 0.90 mm
QFN package.
Functional Block Diagram
24
1
2
3
4
5
6
23
22
21
20
19
18
17
16
15
14
13
7
8
9
10
11
12
6-BIT DSA
LOGIC CONTROL
GND
VDD
PBAR/S
GND
RFIN
GND
SI
CLK
LE
GND
RFOUT
GND
Top View
Ordering Information
Part No.
Description
QPC3624SQ
Sample bag with 25 pieces
QPC3624SR
7" Reel with 100 pieces
QPC3624TR13
13" Reel with 2500 pieces
QPC3624PCK
47
 – 2000 MHz PCBA with 5 pc. sample bag
Applications
 Optical Nodes
 Point-to-Point
 MDU Amplifiers
 Pre-amplifier Attenuation
 Inter-stage Attenuation
 Return Attenuation
 AGC


Similar Part No. - QPC3624SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3624SR QORVO-QPC3624SR Datasheet
1Mb / 19P
   75Ω 47−2000 MHz Digital Step Attenuator
7 Dec, 2016
More results

Similar Description - QPC3624SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3624 QORVO-QPC3624 Datasheet
1Mb / 19P
   75Ω 47−2000 MHz Digital Step Attenuator
7 Dec, 2016
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
   Digital Step Attenuator DC-2400 MHz
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
   50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Peregrine Semiconductor
PE43205MLAA-Z PSEMI-PE43205MLAA-Z Datasheet
423Kb / 11P
   UltraCMOS짰 RF Digital Attenuator 2-bit, 18 dB, 35??000 MHz
logo
Qorvo, Inc
TAT6254C QORVO-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
logo
TriQuint Semiconductor
TAT6254C TRIQUINT-TAT6254C Datasheet
1Mb / 9P
   Fiber To The Home RF Amplifier 47??000 MHz
logo
Mini-Circuits
ZX76-31-PN MINI-ZX76-31-PN Datasheet
666Kb / 10P
   Digital Step Attenuator
ZX76-31R5A-SN MINI-ZX76-31R5A-SN Datasheet
431Kb / 7P
   Digital Step Attenuator
DAT-15575-PN MINI-DAT-15575-PN Datasheet
433Kb / 12P
   Digital Step Attenuator
DAT-31575A-PP MINI-DAT-31575A-PP Datasheet
543Kb / 8P
   Digital Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com