Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDT-9140-I00 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDT-9140-I00
Description  Easy to mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDT-9140-I00 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEDT-9140-I00 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140-I00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Theory of Operation
The AEDT-9140 is an emitter/detector module. Coupled
with a codewheel, these modules translates rotary motion
of a shaft into a three-channel digital output.
As seen in Figure 1, the modules contain a single Light
Emitting Diode (LED) as its light source. The light is col-
limated into a parallel beam by means of a single poly-
carbonate lens located directly over the LED. Opposite the
emitter is the integrated detector circuit. This IC consists
of multiple sets of photodetectors and the signal process-
ing circuitry necessary to produce the digital waveforms.
The codewheel rotates between the emitter and detector,
causing the light beam to be interrupted by the pattern of
spaces and bars on the codewheel.
The photodiodes which detect these interruptions are
arranged in a pattern that corresponds to the radius and
design of the code-wheel. These detectors are also spaced
such that a light period on one pair of detectors corre-
sponds to a dark period on the adjacent pair of detectors.
The photodiode outputs are then fed through the signal
processing circuitry resulting in A, A-bar, B, B-bar, I and I-
bar. Comparators receive these signals and produce the
final output for channels A and B. Due to this integrated
phasing technique, the digital output of channel A is
in quadrature with that of channel B (90 degrees out of
phase).
Definitions
Note: Refer to Figure 2
Cycles (N): The number of electrical cycles per revolution
(CPR). Note: CPR refers to the raw signal from encoder, that
is the cycles before 4x decode.
One Cycle (C): 360 electrical degrees (
qe).
One Shaft Rotation: 360 mechanical degrees, N cycles.
Cycle Error (
'C): An indication of cycle uniformity. The differ-
ence between an observed shaft angle which gives rise to
one electrical cycle, and the nominal angular increment of
1/N of a revolution.
Pulse Width (S): The number of electrical degrees that an
output is high during 1 cycle. This value is nominally
180°e or 1/2 cycle.
Pulse Width Error (
'P): The deviation, in electrical degrees, of
the pulse width from its ideal value of 180°e.
State Width (S): The number of electrical degrees between a
transition in the output of channel A and the neighboring
transition in the output of channel B. There are 4 states per
cycle, each nominally 90°e.
State Width Error (
'S): The deviation, in electrical degrees, of
each state width from its ideal value of 90°e.
Phase Error (
'I): The deviation of the phase from its ideal
value of 90°e.
Direction of Rotation: When the codewheel rotates in the
clockwise direction viewing from top of the module (di-
rection from V to G), channel A will lead channel B. If the
codewheel rotates in the opposite direction, channel B
will lead channel A.
Optical Radius (Rop): The distance from the codewheel’s cen-
ter of rotation to the optical center (O.C) of the encoder
module.
Index Pulse Width (Po): The number of electrical degrees that
an index is high during one full shaft rotation. This value is
nominally 90
qe or 1/4 cycle.


Similar Part No. - AEDT-9140-I00

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-9340 AVAGO-AEDT-9340 Datasheet
473Kb / 9P
   Design to fit into circular shaped housing
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results

Similar Description - AEDT-9140-I00

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-AP851 OHMITE-ACL-AP851 Datasheet
707Kb / 2P
   Moulded case for proctection and easy to mount
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
Abracon Corporation
APAMP-112 ABRACON-APAMP-112 Datasheet
3Mb / 3P
   Easy to install
10.27.14
logo
Ohmite Mfg. Co.
RES-TC-PECOS OHMITE-RES-TC-PECOS Datasheet
121Kb / 1P
   Easy to Install
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
logo
Tyco Electronics
1394 MACOM-1394 Datasheet
1Mb / 22P
   Easy connections to equipment
logo
Generalplus Technology ...
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com