Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDT-9140 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDT-9140
Description  Easy to mount
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDT-9140 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  AEDT-9140 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDT-9140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Electrical Interface
To ensure reliable encoding performance, the AEDT-9140
three channel encoder modules require 2.7 kΩ (± 10%)
pull-up resistors on output pins 2, 3, and 5 (Channels A, I
and B) as shown in Figure 3. These pull-up resistors should
be located as close to the encoder module as possible
(within 4 feet). Each of the three encoder module outputs
can drive a single TTL load in this configuration.
Figure 3.
Customized Solutions
Customization of codewheel CPR is possible. It has to be
based on the encoder LPI table given below.
Part Number
LPI
AEDT-9140-C00
36.7
AEDT-9140-E00
73.5
AEDT-9140-F00
94
AEDT-9140-G00
132.3
AEDT-9140-H00
147
AEDT-9140-A00
183
AEDT-9140-I00
188
AEDT-9140-B0B
346
AEDT-9140-B00
367.5
CPR calculation formula:
CPR = LPI x 2 x
S x ROP
25.4
Where:
CPR = Counts Per Revolution
LPI = Encoder LPI provided in the table
ROP = Encoder Optical Radius in mm
* Recommended maximum codewheel diameter should
not exceed 30mm.
Note: The customization of the codewheel method is valid from theoreti-
cal standpoint. However Avago strongly recommends a full character-
ization to be done to determine the actual performance of the encoder
with customized codewheel.
Characterization means validating the encoding performance (consist
of cycle error, pulse width error, logic state width error, phase error, po-
sition error & index pulse width, index channel rise and fall time over
the recommended operating conditions and recommended mounting
tolerances.


Similar Part No. - AEDT-9140

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-9340 AVAGO-AEDT-9340 Datasheet
473Kb / 9P
   Design to fit into circular shaped housing
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results

Similar Description - AEDT-9140

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
ACL-AP851 OHMITE-ACL-AP851 Datasheet
707Kb / 2P
   Moulded case for proctection and easy to mount
logo
STMicroelectronics
STW69N65M5-4 STMICROELECTRONICS-STW69N65M5-4 Datasheet
792Kb / 13P
   Easy to drive
January 2014 Rev 2
logo
Maxim Integrated Produc...
MAX1403EVSYSTEM MAXIM-MAX1403EVSYSTEM Datasheet
1Mb / 20P
   Easy to Configure
Rev 0; 5/99
logo
Abracon Corporation
APAMP-112 ABRACON-APAMP-112 Datasheet
3Mb / 3P
   Easy to install
10.27.14
logo
Ohmite Mfg. Co.
RES-TC-PECOS OHMITE-RES-TC-PECOS Datasheet
121Kb / 1P
   Easy to Install
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
   Easy-to-use SOUNDPLUS
GPES220B2 GENERALPLUS-GPES220B2 Datasheet
427Kb / 14P
   Easy-to-use SOUNDPLUS
GPES230B2 GENERALPLUS-GPES230B2 Datasheet
719Kb / 15P
   Easy-to-use SOUNDPLUS
logo
Tyco Electronics
1394 MACOM-1394 Datasheet
1Mb / 22P
   Easy connections to equipment
logo
Generalplus Technology ...
GPES203B GENERALPLUS-GPES203B Datasheet
250Kb / 12P
   Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com