Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5734CCTN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5734CCTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5734CCTN Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5734CCTN Datasheet HTML 1Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 2Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 3Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 4Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 5Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 6Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 7Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 8Page - Maxim Integrated Products MAX5734CCTN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX5733 (0 to +10V Output Voltage Range)
(AVCC = +10.5V to +11V, AVDD = 5V ±5%, DVDD = +2.7V to AVDD, VSS = AGND = DGND = REFGND = GS = 0, VREF = +3.0V,
RL =
∞, CL = 50pF referenced to ground, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Resolution
N
16
Bits
MAX5733B
±8
±16
Integral Nonlinearity (Note 2)
INL
MAX5733C
±32
±64
LSB
Differential Nonlinearity
DNL
Guaranteed monotonic (Note 3)
±1
LSB
Zero-Scale Error
VOS
VSS = -0.5V, AVCC = +10V (Note 4)
±8
±40
mV
Full-Scale Error
(Note 4)
±8
±50
mV
Gain Error
±0.1
±0.5
% FSR
Gain Temperature Coefficient
20
ppm
FSR/°C
DC Crosstalk
VSS = -0.5V, AVCC = +10V (Note 5)
50
250
µV
DYNAMIC CHARACTERISTICS
Output-Voltage Settling Time
Full-scale change to ±0.5 LSB
20
µs
Voltage-Output Slew Rate
1
V/µs
Digital Feedthrough
(Note 6)
5
nV-s
Digital Crosstalk
(Note 7)
5
nV-s
Digital-to-Analog Glitch Impulse
Major carry transition
120
nV-s
DAC-to-DAC Crosstalk
(Note 8)
15
nV-s
Output Noise Spectral Density at
1kHz
Full-scale code
250
nV/
√Hz
ANALOG OUTPUTS (OUT0 to OUT31)
Output Voltage Range
VSS = -0.5V, AVCC = +10.5V
0
10
V
Resistive Load to Ground
10
50
k
Capacitive Load to Ground
50
100
pF
DC Output Impedance
0.1
Sourcing, full scale, output connected to
AGND
5
Short-Circuit Current
Sinking, zero scale, output connected to
AVCC
-5
mA
GROUND-SENSE ANALOG INPUT (GS)
Input Voltage Range
VGS
Relative to AGND
-0.5
+0.5
V
GS Gain
AGS
0.995
1.000
1.005
V/V
Input Resistance
-0.5V
≤ VGS ≤ +0.5V, VSS = -0.5V
70
k
REFERENCE INPUT (REF)
Input Resistance
1M
Reference Input Voltage Range
VREF
Referred to REFGND
2.900
3.000
3.100
V


Similar Part No. - MAX5734CCTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5700ATB+T MAXIM-MAX5700ATB+T Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5700AUB++ MAXIM-MAX5700AUB+ Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5701 MAXIM-MAX5701 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5701ATB+T MAXIM-MAX5701ATB+T Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
More results

Similar Description - MAX5734CCTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5372 AD-AD5372 Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com