Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5734BCTN Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX5734BCTN
Description  32-Channel, 16-Bit, Voltage-Output DACs with Serial Interface
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5734BCTN Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX5734BCTN Datasheet HTML 7Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 8Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 9Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 10Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 11Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 12Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 13Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 14Page - Maxim Integrated Products MAX5734BCTN Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
32-Channel, 16-Bit, Voltage-Output
DACs with Serial Interface
______________________________________________________________________________________
11
WORST-CASE DNL vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.05
0.10
0.15
0.20
0.25
0
-40
85
ZERO-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1
2
3
4
5
6
0
-40
85
VSS = -0.5V
FULL-SCALE ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
85
ANALOG SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
8.1
8.2
8.3
8.4
8.5
8.6
8.7
8.8
8.9
9.0
8.0
-40
85
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
51
52
53
54
55
56
57
58
59
60
50
-40
85
DVDD = +3V
ALL DIGITAL INPUTS
AT ZERO OR DVDD
DIGITAL SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
102
103
104
105
106
107
108
109
110
111
101
-40
85
DVDD = +5V
ALL DIGITAL INPUTS
AT ZERO OR DVDD
Typical Operating Characteristics
(AVCC = +10.5V ±5%, AVDD = +5V ±5%, DVDD = +5V, VSS = AGND = DGND = REFGND = GS = 0, VREF = +3.000V, RL =
∞, CL =
50pF referenced to ground, output gain = 2.5, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C).
INTEGRAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
60k
50k
40k
30k
20k
10k
0
1
2
3
4
5
-1
070k
DIFFERENTIAL NONLINEARITY
vs. INPUT CODE
INPUT CODE
60k
50k
40k
30k
20k
10k
-0.1
0
0.1
0.2
0.3
0.4
-0.2
070k
WORST-CASE INL vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85


Similar Part No. - MAX5734BCTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5700ATB+T MAXIM-MAX5700ATB+T Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5700AUB++ MAXIM-MAX5700AUB+ Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5701 MAXIM-MAX5701 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5701ATB+T MAXIM-MAX5701ATB+T Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
More results

Similar Description - MAX5734BCTN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5753 MAXIM-MAX5753 Datasheet
415Kb / 25P
   32-Channel, 14-Bit, Voltage-Output DACs with Serial Interface
19-3593; Rev 0; 11/05
logo
Analog Devices
AD5372 AD-AD5372 Datasheet
307Kb / 25P
   32-Channel, 16/14, Serial Input, Voltage-Output DACs
Rev. PrF
AD5370 AD-AD5370 Datasheet
292Kb / 24P
   40-Channel, 16-Bit, Serial Input, Voltage-Output DACs
Rev. PrF
logo
Maxim Integrated Produc...
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
   Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
   Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX541 MAXIM-MAX541 Datasheet
239Kb / 12P
   5V, Serial-Input, Voltage-Output, 16-Bit DACs
Rev 2; 12/99
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
   Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX512 MAXIM-MAX512 Datasheet
179Kb / 16P
   Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com