Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEAT-86AD-LASC0 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAT-86AD-LASC0
Description  Operating speeds up to 12,000 rpm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAT-86AD-LASC0 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AEAT-86AD-LASC0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAT-86AD-LASC0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AEAT-86AD
14/12 Bit Multi-turn Encoder Module with Built-in Controller
Data Sheet
Description
The AEAT-86AD provides all functions as an optoelec-
tronic mechanical unit in order to implement, with single
turn absolute encoder, an absolute multi-turn encoder
with a combined capacity of up to 30 bits at extended
temperature.
The unit consists of an LED circuit board, a phototransis-
tor (PT) circuit board, and gear train arranged in between
the PCBs.
The built-in controller combined positional information
from single turn absolute encoder and multiturn absolute
encoder. It provides control inputs and signal outputs to
application end. The integrated RS-422 differential line
driver output and line receiver are for noise immunity in
transmission line.
Specifications
The multi-turn unit is available in the following versions:
• 12-bit solid shaft with Binary output code
• 14-bit solid shaft with Binary output code
• 12-bit solid shaft with Gray output code
• 14-bit solid shaft with Gray output code
Features
• 16384 (14bits) and 4096 (12bits) revolution count ver-
sions
• Optical, absolute multi-turn assembly with max. Ø55
mm and typical height 13.3 mm.
• Operating temperatures of -40°C to +125°C
• Mechanical coupling by means of gear wheels with
module of 0.3
• Operating speeds up to 12,000 rpm
• A 2x4-pole pin strip for power supply and signal
• Integrated RS422 line driver and receiver
Applications
• Major component of Multi-turn housed encoder
• Cost effective solution for direct integration into OEM
systems
• Revolution detection
Benefits
• No battery or capacitor required for number of revo-
lution counting during power failure
• Immediate position detection on power up


Similar Part No. - AEAT-86AD-LASC0

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-84AD AVAGO-AEAT-84AD Datasheet
393Kb / 10P
   Major component of Multi-turn housed encoder
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
   10-Bit to16-Bit Programmable Angular Magnetic Encoder
AEAT-8811-Q24 BOARDCOM-AEAT-8811-Q24 Datasheet
1Mb / 26P
   Magnetic Encoder IC: 10-Bit to 16-Bit Programmable Angular Magnetic Encoder with No Offset Calibration
More results

Similar Description - AEAT-86AD-LASC0

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC-2CAKXXXM BEL-SC-2CAKXXXM Datasheet
790Kb / 2P
   USB 2.0 can deliver up to 480 Mbps transfer speeds
logo
TT Electronics.
HM72E-06 TTELEC-HM72E-06 Datasheet
192Kb / 2P
   Operating Frequency Up to 3MHz
logo
STMicroelectronics
STAC250V2-500E STMICROELECTRONICS-STAC250V2-500E Datasheet
455Kb / 13P
   Operating frequency up to 27 MHz
October 2015 Rev 5
logo
C&K Components
CCM01MK2 CK-COMPONENTS-CCM01MK2 Datasheet
122Kb / 2P
   Operating life up to 100,000 cycles
logo
New Jersey Semi-Conduct...
IRF220 NJSEMI-IRF220 Datasheet
135Kb / 3P
   Nanosecond Switching Speeds
logo
Inchange Semiconductor ...
BUZ32 ISC-BUZ32 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
IRF305 ISC-IRF305 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF121 ISC-IRF121 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
IRF122 ISC-IRF122 Datasheet
48Kb / 2P
   Nanosecond Switching Speeds
BUZ21 ISC-BUZ21 Datasheet
66Kb / 2P
   Nanosecond Switching Speeds
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com