Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEAS-7000-1GSG0 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAS-7000-1GSG0
Description  Minimum mechanical alignment during installation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAS-7000-1GSG0 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AEAS-7000-1GSG0 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000-1GSG0 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Signal-Channels A1-A11
The photocurrent of the photo diodes is fed into a
trans-impedance amplifier. The analog output of the
amplifier has a voltage swing of (dark/light) about 1.3
V.
Every output is transformed by precision
comparators
into digital signals (D1-D11).
The
threshold is at VDD/2 (=Analog-reference), regulated
by the monitor channel.
Monitor Channel with LED Control at Pins LEDR and
LERR
The analog output signal of the monitor channel is
regulated by the LED current. An internal bipolar
transistor sets this level to VDD/2 (control voltage at
pin LEDR). Thus the signal swing of each output is
symmetrical to VDD/2 (=Analog-reference)
The error bit at pin LERR is triggered if the Ve of the
internal bipolar transistor is larger than VDD/2.
Signals Channels A0, A09 with Signal Conditioning and
Calibration
These two channels give out a sine and cosine wave,
which are 90 degree phase shifted. These signals have
amplitudes which are almost constant due to the LED
current monitoring.
Due to amplifier mismatch and
mechanical misalignment, the signals have gain and
offset errors. These errors are eliminated by an adaptive
signal conditioning circuitry. The conditioning values
are on-chip preprogrammed by factory. The analog
output signals of A0 and A09 are supplied as true-
differential voltage with a peak to peak value of 2.0 V
at the pins A09P, A09N, A0P, A0N.
Interpolator for Channels A0,A09
The interpolator generates the digital signals D0,D09
and D-1 to D-4. The interpolated signals D-1 to D-4
extend the 12 bit Gray code of the signals D11….D0
to form a 16 bit Gray code.
D0 and D09 are digitized from A0 and A09.
The
channels A0-A11 and A09 have very high dynamic
bandwidth, which allows a real time monotone 12 bit
Gray code at 12000 RPM.
The interpolated 16 bit Gray code can be used up to
1000 RPM only. At more than 1000 RPM, only the 12
bit Gray code from the MSB side can be used.
LSB Gray Code Correction (Pin KORR)
This function block synchronizes the switching points
for the 11 bit Gray code of the digital signals D1 to
D11 with D0 and D09 (digitized signal of A0 and A09).
This Gray code correction only works for the 12 bit
MSB(4096 steps per revolution).
The correction is not for the 4 excess interpolated bits
of the 16 bit Gray code.
Gray code correction can be switched on or off by
putting the pin KORR =1(on) or =0(off).
MSBINV and DOUT Pins
The serial interface consists of a shift register. The
most significant bit, MSB (D11) will always be sent first
to DOUT.
The MSB can be inverted (change code
direction) by using pin MSBINV.
DIN and NSL Pins
The serial input DIN allows the configuration as ring
register for multiple transmissions or for cascading 2
or more encoders. DIN is the input of the shift register
that shifts the data to DOUT.
The NSL pin controls the shift register, to switch it
between load (1) or shift (0) mode. Under load mode,
DOUT will give the logic of the MSB, i.e., D11.
Under shift mode (0), coupled with the SCL, the register
will be clocked, and gives out the serial word output
bit by bit. As the clock frequency can be up to 16
MHz, the transmission of the full 16 bit word can be
done within 1µs.
Valid data of DOUT should be read when the SCL clock
is low. Please refer to timing diagram (Figure 3).


Similar Part No. - AEAS-7000-1GSG0

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEAS-7000-1GSG0 HP-AEAS-7000-1GSG0 Datasheet
147Kb / 8P
   Plug and Play Ultra-Precision Absolute Encoder 16-bit Gray Code
More results

Similar Description - AEAS-7000-1GSG0

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-1SHABAAL4 SICK-BEF-1SHABAAL4 Datasheet
409Kb / 4P
   Alignment brackets
BEF-1SHABRST2 SICK-BEF-1SHABRST2 Datasheet
408Kb / 3P
   Alignment brackets
BEF-1SHABPKU4 SICK-BEF-1SHABPKU4 Datasheet
362Kb / 3P
   Alignment brackets
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
List of Unclassifed Man...
1PK-A001 ETC2-1PK-A001 Datasheet
88Kb / 1P
   Alignment Drivers
logo
STMicroelectronics
AN1294 STMICROELECTRONICS-AN1294 Datasheet
1Mb / 20P
   During the last years
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
Ultralife Corporation.
URB12450-U1-SMB ULTRALIFE-URB12450-U1-SMB Datasheet
488Kb / 2P
   Uniform voltage during discharge
Rev: A
URB12350 ULTRALIFE-URB12350 Datasheet
381Kb / 2P
   Uniform voltage during discharge
Rev: E
URB12400-U1-SMB ULTRALIFE-URB12400-U1-SMB Datasheet
850Kb / 3P
   Uniform voltage during discharge
Rev: D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com