Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEAS-7000 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEAS-7000
Description  Minimum mechanical alignment during installation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEAS-7000 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AEAS-7000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEAS-7000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Package Dimensions
Device Selection Guide 1
Figure 1. Package Dimensions
Notes:
1. For other options of absolute encoder module, please refer to factory.
Notes:
1. 3rd Angle Projection
2. Dimensions are in millimeters
3. Unless otherwise specified, the tolerances are: XX. – ±0.3; XX.X – ±0.1; XX.XX – ±0.03
4. Codewheel and readhead mounting tolerances for radial, tangential and Z gap are:
Radial
: ± 50
µm
Tangential : ± 40
µm
Z Gap
: ± 50
µm
Code Disk
∅42.1
∅8.0 H6
2x11 -1.27mm pitch header
35.1
10
24.0
12.0
∅3.2(2x)
56
Readhead
Z +
Z -
Radial +
Tangential+
CL
M1.6 tap 5dp (2x)
Part Number
Resolution
Operating
Temperature (°C)
Output
Output Code
DC Supply Voltage
(V)
AEAS-7000-1GSD0
13 bit
-25 to 85
Serial
Gray Code
+4.5 to +5.5
AEAS-7000-1GSG0
16 bit
-25 to 85
Serial
Gray Code
+4.5 to +5.5


Similar Part No. - AEAS-7000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEAS-7000 HP-AEAS-7000 Datasheet
147Kb / 8P
   Plug and Play Ultra-Precision Absolute Encoder 16-bit Gray Code
AEAS-7000-1GSD0 HP-AEAS-7000-1GSD0 Datasheet
147Kb / 8P
   Plug and Play Ultra-Precision Absolute Encoder 16-bit Gray Code
AEAS-7000-1GSG0 HP-AEAS-7000-1GSG0 Datasheet
147Kb / 8P
   Plug and Play Ultra-Precision Absolute Encoder 16-bit Gray Code
More results

Similar Description - AEAS-7000

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-1SHABAAL4 SICK-BEF-1SHABAAL4 Datasheet
409Kb / 4P
   Alignment brackets
BEF-1SHABRST2 SICK-BEF-1SHABRST2 Datasheet
408Kb / 3P
   Alignment brackets
BEF-1SHABPKU4 SICK-BEF-1SHABPKU4 Datasheet
362Kb / 3P
   Alignment brackets
logo
Tyco Electronics
408-8022 MACOM-408-8022 Datasheet
205Kb / 4P
   Read the following instructions carefully before and during the installation of the conversion kits on the machine.
logo
List of Unclassifed Man...
1PK-A001 ETC2-1PK-A001 Datasheet
88Kb / 1P
   Alignment Drivers
logo
STMicroelectronics
AN1294 STMICROELECTRONICS-AN1294 Datasheet
1Mb / 20P
   During the last years
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
Ultralife Corporation.
URB12450-U1-SMB ULTRALIFE-URB12450-U1-SMB Datasheet
488Kb / 2P
   Uniform voltage during discharge
Rev: A
URB12350 ULTRALIFE-URB12350 Datasheet
381Kb / 2P
   Uniform voltage during discharge
Rev: E
URB12400-U1-SMB ULTRALIFE-URB12400-U1-SMB Datasheet
850Kb / 3P
   Uniform voltage during discharge
Rev: D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com