Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0622018882 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0622018882
Description  Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Dual Endwalls
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0622018882 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0622018882 Datasheet HTML 1Page - Molex Electronics Ltd. 0622018882 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
0.75A
Data Rate
25.0 Gbps
Impedance
85Ω
Shield Type
N/A
Shielded
No
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-freeProcess Capability
N/A
Material Info
Reference - Drawing Numbers
Application Specification
AS-76060-990-001
Packaging Specification
PK-70873-7703
Product Specification
PS-170540-999-001
Sales Drawing
SD-170535-0001
Symbol/Footprint Data
SYM-170535-1825
This document was generated on 03/06/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0622018882

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0622018886 MOLEX-0622018886 Datasheet
31Kb / 2P
   Press-In Insertion Tool for EXTreme OrthoPower Plug Assemblies
08/26/2022
More results

Similar Description - 0622018882

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1705351127 MOLEX1-1705351127_17 Datasheet
42Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Dual Endwalls
1705351825 MOLEX11-1705351825 Datasheet
37Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Dual Endwalls
1705351127 MOLEX11-1705351127 Datasheet
42Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Dual Endwalls
1705351107 MOLEX1-1705351107_17 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Open Endwalls
1705351108 MOLEX1-1705351108_17 Datasheet
40Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Open Endwalls
1705351607 MOLEX11-1705351607 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Open Endwalls
1705351607 MOLEX1-1705351607_17 Datasheet
45Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Open Endwalls
1705351608 MOLEX1-1705351608_17 Datasheet
44Kb / 2P
   Impact 85 Ohm Plus 6 Pair Vertical Backplane Header, Unguided, Open Endwalls
1704751127 MOLEX1-1704751127_17 Datasheet
44Kb / 2P
   Impact 85 Ohm Plus 5 Pair Vertical Backplane Header, Unguided, Dual Endwalls
1704751607 MOLEX1-1704751607_17 Datasheet
38Kb / 2P
   Impact 85 Ohm Plus 5 Pair Vertical Backplane Header, Unguided, Dual Endwalls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com