Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1ZB220 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # U1ZB220
Description  Surface mount zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

U1ZB220 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  U1ZB220 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited U1ZB220 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited U1ZB220 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited U1ZB220 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited U1ZB220 Datasheet HTML 5Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Production specification
Surface mount zener diode
U1ZB3.3--U1ZB390
Document Number:SMA501AA
www.gmicroelec.com
1
FEATURES
Silicon planar power ,zener diodes
For use in stabilizing and clipping circuits with high
power rating.
Standard zener voltage tolerance is ±10%. Add
suffix "A" for ±5% tolerance. Other zener voltage
and tolerances are available upon request.
APPLICATIONS
Case:DO-214AC
Terminals: Solderable per MIL-STD-202, method 208
Polarity: Cathode band
Marking: Type number
MAXIMUM RATING AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
Characteristic
Symbol
Value
Unit
Power dissipation at Tamb=25℃
Ptot
1.01)
W
Junction temperature
TJ
-40---+150
Storage temperature range
Ts
-40---+150
Notes: (1) Valid provided that leads at a distance of 10 mm from case are kept at ambient temperature.
Pb
Lead-free


Similar Part No. - U1ZB220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U1ZB220 TOSHIBA-U1ZB220 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
logo
Galaxy Semi-Conductor H...
U1ZB220 BILIN-U1ZB220 Datasheet
155Kb / 3P
   ZENER DIODES
logo
Toshiba Semiconductor
U1ZB220-Y TOSHIBA-U1ZB220-Y Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
logo
Galaxy Semi-Conductor H...
U1ZB220-Y BILIN-U1ZB220-Y Datasheet
155Kb / 3P
   ZENER DIODES
logo
Toshiba Semiconductor
U1ZB220-Z TOSHIBA-U1ZB220-Z Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
More results

Similar Description - U1ZB220

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com