Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-3090 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-3090
Description  High-Performance Optical Mouse Sensor
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-3090 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-3090 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ADNS-3090 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
8
Figure 8. Schematic Diagram for USB, PS/2 mouse application with ADNS-3090
Notes
1. Caps for pins 15 and 17 MUST have trace lengths LESS than 5 mm to nearest ground pin.
2. Pins 15 and 17 caps MUST use pin 16 GND.
3. Pin 9, if used, should not be connected to PCB GND to reduce potential RF emissions.
4. The 0.1 uF caps must be ceramic.
5. Caps should have less than 5 nH of self inductance.
6. Caps should have less than 0.2 Ω ESR.
7. NC pins should not be connected to any traces.
8. Surface mount parts are recommended.
9. Care must be taken when interfacing a 5V microcontroller to the ADNS-3090. Serial port inputs on the sensor should be connected to open-
drain outputs from the microcontroller or use an active drive level shifter. NPD and RESET should be connected to 5V microcontroller outputs
through a resistor divider or other level shifting technique.
10. VDD3 and GND should have low impedance connections to the power supply.
11. Capacitors connected to pin 15 and 17 should be connected to pin 16 and then to pin 19.
ADNS-3090
USB
MCU
0.1
PF
14
10
Vcc
Vpp
9
VSS
4.7
PF
Ceramic Resonator
AVX KBR -24.0-MSA
Murata CSAL24MOX040
17
5
V DD
LED_CTRL
SURFACE
Internal
Image
Sensor
ADNS
2120
Lens
HLMP-ED80
24 MHz
8
10
OSC_OUT
OSC_IN
15
GND
0.1
PF
24
P0.5
3
P0.4
4
6
MOSI
RESET
P0.2
23
1.3 K
:
16
15
D -
D +
Vreg
11
P1.7
P1.5
P1.4
Z LED
17
18
7
Vcc
D +
D -
GND
SHLD
240
:
6 MHz
12
13
XTALIN
XTALOUT
(Optional)
6
5
P1.2
P1.0
Buttons
L
M
QA
QB
Vcc
GND
V DD
19
16
GND
1 K
:
REFB
14
P0.3
7
NPD
4
P0.7
3
SCLK
21
P0.6
2
MISO
22
9
GUARD
11
18
20
P1.1
R
Notes:
All capacitors close to chip
24 MHz and 6 MHz close to chip
20
K
20
K
1
NCS
LP2950ACZ-3.3
31
2
Vo
Vin
GND
4.7
PF
0.1
PF
0.1
PF
MMBT2222A
13
REFC
2.2
PF
187
:
1/8 W
Vo
Vo 3.3V
12
OPTP
Ω
Ω
20
10 K
:
10 K
:


Similar Part No. - ADNS-3090

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
More results

Similar Description - ADNS-3090

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
List of Unclassifed Man...
PAN301A ETC2-PAN301A Datasheet
812Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5020-EN AVAGO-ADNS-5020-EN Datasheet
330Kb / 24P
   Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com